Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTL7582AC Datasheet(PDF) 16 Page - Agere Systems

Part # ATTL7582AC
Description  Tip Ring Access Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ATTL7582AC Datasheet(HTML) 16 Page - Agere Systems

Back Button ATTL7582AC Datasheet HTML 8Page - Agere Systems ATTL7582AC Datasheet HTML 9Page - Agere Systems ATTL7582AC Datasheet HTML 10Page - Agere Systems ATTL7582AC Datasheet HTML 11Page - Agere Systems ATTL7582AC Datasheet HTML 12Page - Agere Systems ATTL7582AC Datasheet HTML 13Page - Agere Systems ATTL7582AC Datasheet HTML 14Page - Agere Systems ATTL7582AC Datasheet HTML 15Page - Agere Systems ATTL7582AC Datasheet HTML 16Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Lucent Techn ologies I nc. re ser ves t he right t o make chan ges to the p roduct (s) or in formation c ontain ed he rein with out no tice. N
o liability i s assum ed as a res ult of t heir us e or applicatio n. No
rights unde r any pa tent acc ompa ny the s ale of a ny such p roduct (s) or in formation.
Copyright © 1999 Luce nt Technologie s Inc.
All Rights Res er ved
November 1999
DS00-051ALC (Replaces DS99-015ALC)
For additi onal info rm ation, contact your Microelectronics Group Acc ount Manager or the followi ng:
INTERNET:
http://www.lucent.com/micro
E-MAIL:
docmaster@micro.lucent.com
N. AMERICA:
Microelectronics Grou p, Lucent Technologies Inc., 555 Union Boul evard, Room 30L-15 P-BA, Allent own , PA 18103
1-800-372-2447, FAX 610-712-4106 (In CANADA:1-800-553-2448, FAX 610-712-4106)
ASIA PACIFIC: Microelectronics Grou p, Lucent Technologies Singapore Pt e. Ltd., 77 Science Park Drive, #03-18 Cintech III , Singa p
ore 118256
Tel. (65) 778 8833, FAX (65) 777 7495
CHINA:
Micr oelectronics Group, Lucent Techn ologies (China) Co., Lt d., A-F2, 23/F, Zao Fong Univers e Building, 1800 Zho ng Shan Xi
Road, Shang hai
200233 P. R. China Tel. (86) 21 6440 0468, ext. 316, FAX (86) 21 6440 0652
JAPAN:
Micr oelectronics Group, Lucent Technolog ies Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan
Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700
EUROPE:
Data Requ ests: MICROELECTRONICS GROUP DATALINE:Tel. (44) 7000 582 368, FAX (44) 1189 328 148
Technical Inquiries: GERMANY:
(49) 89 95086 0 (Munich), UNITED KINGDOM:(44) 1344 865 900 (Ascot),
FRANCE: (33) 1 40 83 68 00 (Paris), SWEDEN: (46) 8 594 607 00 (Sto ckholm), FINLAND :(358) 9 4354 2800 (Hels inki),
ITALY: (39) 02 6608131 (Milan), SPAIN:(34) 1 807 1441 (Madrid)
Data Sheet
November 1999
L7582 Tip Ring Access Switch
Ordering Information
*Devices o n tape an d reel must be ordered i n 1000-piece inc rement s.
Device Part No.
Description
Package
Comcode
ATTL7582AAE
Tip Ri ng Access Switch
16-pin SOG
107338543
ATTL7582AAE-TR*
Tip Ri ng Access Switch
16-pin SO G (Tape & Reel)
107338576
ATTL7582AC
Tip Ri ng Access Switch
16-pin DIP
107394181
ATTL7582BAE
Tip Ri ng Access Switch
16-pin SOG
107394231
ATTL7582BAE-TR*
Tip Ri ng Access Switch
16-pin SO G (Tape & Reel)
107394256
ATTL7582BC
Tip Ri ng Access Switch
16-pin DIP
107394207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com