Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7590C Datasheet(PDF) 2 Page - Agere Systems

Part # L7590C
Description  Telephone Ringing Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L7590C Datasheet(HTML) 2 Page - Agere Systems

  L7590C Datasheet HTML 1Page - Agere Systems L7590C Datasheet HTML 2Page - Agere Systems L7590C Datasheet HTML 3Page - Agere Systems L7590C Datasheet HTML 4Page - Agere Systems L7590C Datasheet HTML 5Page - Agere Systems L7590C Datasheet HTML 6Page - Agere Systems L7590C Datasheet HTML 7Page - Agere Systems L7590C Datasheet HTML 8Page - Agere Systems L7590C Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Lucent Technologies Inc.
Data Sheet
June 1998
L7590C Telephone Ringing Driver
Pin Information
Absolute Maximum Ratings (TA = 25
°C)
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended
periods may adversely affect device reliability.
Pin
Symbol
Type
Name/Function
14
VDD
+5 V Power Supply.
3
GNDD
Digital Ground.
12
GNDR
Ringing Ground.
8VNEG
Negative Power Supply. Determines the swing of the ringing generator. Connect
a 1
µF capacitor from VNEG to VREF.
5VREF
Internal Reference Voltage. Connect a 1
µF capacitor from VREF to VNEG.
16
CLK
I
Clock. Modulated pulse stream. Low = 0 V. High = VDD.
7
OUT
O
Ringing Generator Output. Connect to ringing relay contact through a filter.
1
CB1
Bootstrap Capacitor. Connect a 0.1
µF capacitor between CB1 and CB2.
2
CB2
Bootstrap Capacitor. Connect a 0.1
µF capacitor between CB1 and CB2.
9L1
Filter Inductor. Connect an inductor to pin L2.
10
L2
Filter Inductor. Connect an inductor to pin L1.
15
EN
Not Enable. A logic low activates the internal circuitry. A logic high puts the device
in a low-power powerdown mode.
Parameter
Min
Typ
Max
Unit
VDD
7.0
V
VNEG
–200
V
Timing Input Voltage
–0.5
7.0
V
Storage Temperature Range
–40
125
°C
Maximum Junction Temperature
150
°C
Relative Humidity Range
5
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com