Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OR3LP26B Datasheet(PDF) 90 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 90 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 86Page - Agere Systems OR3LP26B Datasheet HTML 87Page - Agere Systems OR3LP26B Datasheet HTML 88Page - Agere Systems OR3LP26B Datasheet HTML 89Page - Agere Systems OR3LP26B Datasheet HTML 90Page - Agere Systems OR3LP26B Datasheet HTML 91Page - Agere Systems OR3LP26B Datasheet HTML 92Page - Agere Systems OR3LP26B Datasheet HTML 93Page - Agere Systems OR3LP26B Datasheet HTML 94Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
90
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Master Write, Nonburst Transaction
Figure 27 (FPGA bus) and Figure 25 (PCI bus) show the timing of a Master write, nonburst transaction. In Figure
27, the transaction is initiated by the FPGA application asserting Master address enable (maenn), while providing
the command word and the lower DWORD address on bus mwdata. On the next clock, for 64-bit address mode,
the upper DWORD address is provided on bus mwdata while asserting wmlastcycn. On the next clock, maenn is
deasserted and the one DWORD of data is provided on bus mwdata along with assertion of the Master write data
enable (mwdataenn). The forth clock provided the second DWORD of data an assertion of mwlastcycn. Since the
protocol for providing start-up data is fixed for a specific operation, the FPGA application can be preprogrammed
with the sequence, or can use the value of the Master state counter (mstatecntr) to assist in determination of the
next required data word of information. This completes the setup for this operation. Execution begins on the PCI
bus, as shown in Figure 25.
5-8847F).a
Figure 25. Master Write Single (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
ADRS
DATA
CMD
BEs
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com