Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T7503 Datasheet(PDF) 9 Page - Agere Systems

Part # T7503
Description  T7503 Dual PCM Codec with Filters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7503 Datasheet(HTML) 9 Page - Agere Systems

Back Button T7503 Datasheet HTML 5Page - Agere Systems T7503 Datasheet HTML 6Page - Agere Systems T7503 Datasheet HTML 7Page - Agere Systems T7503 Datasheet HTML 8Page - Agere Systems T7503 Datasheet HTML 9Page - Agere Systems T7503 Datasheet HTML 10Page - Agere Systems T7503 Datasheet HTML 11Page - Agere Systems T7503 Datasheet HTML 12Page - Agere Systems T7503 Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Lucent Technologies Inc.
9
Data Sheet
February 1998
T7503 Dual PCM Codec with Filters
Transmission Characteristics (continued)
ac Transmission Characteristics (continued)
* For Table 12, crosstalk into the transmit channels (VFXIN) can be significantly affected by parasitic capacitive feeds from GSX and VFRO out-
puts. PWB layouts should be arranged to keep these parasitics low. The resistor value of RF (from GSX to VFXIN) should also be kept as low
as possible (while maintaining the load on GSX above 10 k
Ω per Table 4) to minimize crosstalk.
* For Table 13, crosstalk into the transmit channels (VFXIN) can be significantly affected by parasitic capacitive feeds from GSX and VFRO out-
puts. PWB layouts should be arranged to keep these parasitics low. The resistor value of RF (from GSX to VFXIN) should also be kept as low
as possible (while maintaining the load on GSX above 10 k
Ω per Table 4) to minimize crosstalk.
Table 12. Interchannel Crosstalk (Between Channels) RF =
≤400 kΩ*
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Transmit to Receive
Crosstalk 0 dBm0
Transmit Levels
CTXX-RY
f = 300 Hz—3400 Hz
idle PCM code for channel under test;
0 dBm0 into any other single-channel VFXIN
–75
dB
Receive to Transmit
Crosstalk 0 dBm0
Receive Levels
CTRX-XY
f = 300 Hz—3400 Hz
VFXIN = 0 Vrms for channel under test;
0 dBm0 code level on any other single-channel DR
–75
dB
Transmit to Trans-
mit Crosstalk
0 dBm0 Transmit
Levels
CTXX-XY
f = 300 Hz—3400 Hz
0 dBm0 applied to any single-channel
VFXIN except channel under test,
which has VFXIN = 0 Vrms
–75
dB
Receive to Receive
Crosstalk 0 dBm0
Receive Levels
CTRX-RY
f = 300 Hz—3400 Hz
0 dBm0 code level on any single-channel DR except
channel under test which has idle code applied
–75
dB
Table 13. Intrachannel Crosstalk (Within Channels) RF =
≤400 kΩ*
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Transmit to Receive
Crosstalk 0 dBm0
Transmit Levels
CTXX-RX
f = 300 Hz—3400 Hz
idle PCM code for channel under test;
0 dBm0 into VFXIN
–65
dB
Receive to Transmit
Crosstalk 0 dBm0
Receive Levels
CTRX-XX
f = 300 Hz—3400 Hz
VFXIN = 0 Vrms for channel under test;
0 dBm0 code level on DR
–65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com