Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DH Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2DH
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2DH Datasheet HTML 1Page - STMicroelectronics LIS2DH Datasheet HTML 2Page - STMicroelectronics LIS2DH Datasheet HTML 3Page - STMicroelectronics LIS2DH Datasheet HTML 4Page - STMicroelectronics LIS2DH Datasheet HTML 5Page - STMicroelectronics LIS2DH Datasheet HTML 6Page - STMicroelectronics LIS2DH Datasheet HTML 7Page - STMicroelectronics LIS2DH Datasheet HTML 8Page - STMicroelectronics LIS2DH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
November 2011
Doc ID 022516 Rev 1
1/49
49
LIS2DH
MEMS digital output motion sensor:
ultra low-power high performance 3-axis “femto” accelerometer
Features
■ Wide supply voltage, 1.71 V to 3.6 V
■ Independent IOs supply (1.8 V) and supply
voltage compatible
■ Ultra low-power mode consumption down to 2
µA
■
±2g/±4g/±8g/±16g dynamically selectable full-
scale
■ I2C/SPI digital output interface
■ 2 independent programmable interrupt
generators for free-fall and motion detection
■ 6D/4D orientation detection
■ “Sleep to wake” and “return to sleep” function
■ Freefall detection
■ Motion detection
■ Embedded temperature sensor
■ Embedded FIFO
■ ECOPACK® RoHS and “Green” compliant
Applications
■ Motion activated functions
■ Display orientation
■ Shake control
■ Pedometer
■ Gaming and virtual reality input devices
■ Impact recognition and logging
Description
The LIS2DH is an ultra low-power high
performance three-axis linear accelerometer
belonging to the “femto” family, with digital I2C/SPI
serial interface standard output.
The LIS2DH has dynamically user selectable full
scales of
±2g/±4g/±8g/±16g and it is capable of
measuring accelerations with output data rates
from 1 Hz to 5.3 kHz.
The self-test capability allows the user to check
the functioning of the sensor in the final
application.
The device may be configured to generate
interrupt signals by two independent inertial
wake-up/free-fall events as well as by the position
of the device itself.
The LIS2DH is available in small thin plastic land
grid array package (LGA) and is guaranteed to
operate over an extended temperature range from
-40 °C to +85 °C.
LGA-14 (2.0x2.0x1 mm)
Table 1.
Device summary
Order codes
Temperature range [
° C]
Package
Packaging
LIS2DH
-40 to +85
LGA-14
Tray
LIS2DHTR
-40 to +85
LGA-14
Tape and reel
www.st.com


Similar Part No. - LIS2DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DH12 STMICROELECTRONICS-LIS2DH12 Datasheet
1Mb / 53P
Free-fall detection
05-May-2017
LIS2DH12TR STMICROELECTRONICS-LIS2DH12TR Datasheet
1Mb / 53P
Free-fall detection
05-May-2017
More results

Similar Description - LIS2DH

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
STMicroelectronics
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
ultra-low-power digital output 3-axis accelerometer
14-Dec-2015
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
ultra-low-power high-performance 3-axis "pico" accelerometer
14-Dec-2015
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
ultra-low-power high-performance 3-axis "nano" accelerometer
19-Jun-2014
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
IIS328DQ STMICROELECTRONICS-IIS328DQ Datasheet
839Kb / 40P
High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com