| Electronic Components Datasheet Search |
|
L6482H Datasheet(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6482H Datasheet(HTML) 64 Page - STMicroelectronics |
|
64 / 73 page ![]() Programming manual L6482 64/73 Doc ID 023768 Rev 2 command argument and can by changed by a new StepClock command without exiting Step-clock mode. Events that cause bridges to be forced into high impedance state (overtemperature, overcurrent, etc.) do not cause the device to leave Step-clock mode. The StepClock command does not force the BUSY flag low. This command can only be given when the motor is stopped. If a motion is in progress, the motor should be stopped and it is then possible to send a StepClock command. Any attempt to perform a StepClock command when the motor is running causes the command to be ignored and the NOTPERF_CMD flag to rise (Section 9.1.21). 9.2.7 Move (DIR, N_STEP) The move command produces a motion of N_STEP microsteps; the direction is selected by the DIR bit ('1' forward or '0' reverse). The N_STEP value is always in agreement with the selected step mode; the parameter value unit is equal to the selected step mode (full, half, quarter, etc.). This command keeps the BUSY flag low until the target number of steps is performed. This command can only be performed when the motor is stopped. If a motion is in progress the motor must be stopped and it is then possible to perform a move command. Any attempt to perform a move command when the motor is running causes the command to be ignored and the NOTPERF_CMD flag to rise (Section 9.1.21). 9.2.8 GoTo (ABS_POS) The GoTo command produces a motion to the ABS_POS absolute position through the shortest path. The ABS_POS value is always in agreement with the selected step mode; the parameter value unit is equal to the selected step mode (full, half, quarter, etc.). The GoTo command keeps the BUSY flag low until the target position is reached. Table 53. Move command structure Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 01 00 00 0 DIR from host X X N_STEP (Byte 2) from host N_STEP (Byte 1) from host N_STEP (Byte 0) from host Table 54. GoTo command structure Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0 1 1 0 00 00 from host X X ABS_POS (Byte 2) from host ABS_POS (Byte 1) from host ABS_POS (Byte 0) from host |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |