Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRMC1-S Datasheet(PDF) 1 Page - CUI INC

Part # PRMC1-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRMC1-S Datasheet(HTML) 1 Page - CUI INC

  PRMC1-S Datasheet HTML 1Page - CUI INC PRMC1-S Datasheet HTML 2Page - CUI INC PRMC1-S Datasheet HTML 3Page - CUI INC PRMC1-S Datasheet HTML 4Page - CUI INC PRMC1-S Datasheet HTML 5Page - CUI INC PRMC1-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 03/20/2013
page 1 of 6
SERIES: PRMC1-S
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 6
FEATURES
• 1 W isolated output
• smaller package
• single regulated output
• 3,000 Vdc isolation
• continuous short circuit, over current protection
• temperature range (-40~105°C)
• high efficiency at light load
• efficiency up to 82%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PRMC1-D5-S5-S
5
4.5~9
5
10
200
1
75
72
PRMC1-D5-S12-S
5
4.5~9
12
4
83
1
75
77
PRMC1-D5-S15-S
5
4.5~9
15
3
67
1
75
77
PRMC1-D12-S5-S
12
9~18
5
10
200
1
75
76
PRMC1-D12-S12-S
12
9~18
12
4
83
1
75
80
PRMC1-D12-S15-S
12
9~18
15
3
67
1
75
81
PRMC1-D24-S5-S
24
18~36
5
10
200
1
75
76
PRMC1-D24-S12-S
24
18~36
12
4
83
1
75
81
PRMC1-D24-S15-S
24
18~36
15
3
67
1
75
81
PRMC1-D24-S24-S
24
18~36
24
6
42
1
75
82
PRMC1-D48-S5-S
48
36~75
5
10
200
1
75
76
PRMC1-D48-S12-S
48
36~75
12
4
83
1
75
81
PRMC1-D48-S15-S
48
36~75
15
3
67
1
75
81
Notes:
1. ripple and noise are measured at 20 MHz BW by “parallel cable” method
PART NUMBER KEY
PRMC1 - DXX - SXX -S
Input Voltage
Output Voltage
Packaging Style
Base Number
SIP


Similar Part No. - PRMC1-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRMC1-S CUI-PRMC1-S Datasheet
1Mb / 6P
DC-DC CONVERTER
07/07/2021
PRMC1-S CUI-PRMC1-S_V01 Datasheet
1Mb / 6P
DC-DC CONVERTER
07/07/2021
More results

Similar Description - PRMC1-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com