Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VGDS2-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VGDS2-SIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGDS2-SIP Datasheet(HTML) 1 Page - CUI INC

  VGDS2-SIP Datasheet HTML 1Page - CUI INC VGDS2-SIP Datasheet HTML 2Page - CUI INC VGDS2-SIP Datasheet HTML 3Page - CUI INC VGDS2-SIP Datasheet HTML 4Page - CUI INC VGDS2-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
09/10/2012
page
1 of 5
SERIES:
VGDS2-SIP │ DESCRIPTION: DC-DC CONVERTER
date
09/10/2012
page
1 of 5
FEATURES
• 2 W isolated output
• industry standard 7 pin SIP package
• dual unregulated outputs
• 6,000 V isolation
• short circuit protection
• UL safety approvals
• wide temperature (-40~85°C)
• efficiency up to 80%
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
VGDS2-S5-D5-SIP
5
4.5~5.5
±5
±20
±200
2
250
74
VGDS2-S5-D9-SIP
5
4.5~5.5
±9
±12
±111
2
250
77
VGDS2-S5-D12-SIP
5
4.5~5.5
±12
±9
±83
2
250
77
VGDS2-S5-D15-SIP
5
4.5~5.5
±15
±7
±67
2
250
77
VGDS2-S12-D5-SIP
12
10.8~13.2
±5
±20
±200
2
250
75
VGDS2-S12-D9-SIP
12
10.8~13.2
±9
±12
±111
2
250
78
VGDS2-S12-D12-SIP
12
10.8~13.2
±12
±9
±83
2
250
80
VGDS2-S12-D15-SIP
12
10.8~13.2
±15
±7
±67
2
250
78
VGDS2-S24-D5-SIP
24
21.6~26.4
±5
±20
±200
2
250
75
VGDS2-S24-D9-SIP
24
21.6~26.4
±9
±12
±111
2
250
77
VGDS2-S24-D12-SIP
24
21.6~26.4
±12
±9
±83
2
250
80
VGDS2-S24-D15-SIP
24
21.6~26.4
±15
±7
±67
2
250
79
Notes:
1. ripple and noise are measured at 20 MHz BW
VGDS2 - SXX - DXX -SIP
Input Voltage
Output Voltage
Base Number
Packaging Style


Similar Part No. - VGDS2-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGDS2-S12-D12-DIP CUI-VGDS2-S12-D12-DIP Datasheet
847Kb / 3P
DC-DC Converter
VGDS2-S12-D15-DIP CUI-VGDS2-S12-D15-DIP Datasheet
847Kb / 3P
DC-DC Converter
VGDS2-S12-D5-DIP CUI-VGDS2-S12-D5-DIP Datasheet
847Kb / 3P
DC-DC Converter
VGDS2-S12-D9-DIP CUI-VGDS2-S12-D9-DIP Datasheet
847Kb / 3P
DC-DC Converter
VGDS2-S5-D12-DIP CUI-VGDS2-S5-D12-DIP Datasheet
847Kb / 3P
DC-DC Converter
More results

Similar Description - VGDS2-SIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com