Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VWRBT2 Datasheet(PDF) 4 Page - CUI INC

Part # VWRBT2
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRBT2 Datasheet(HTML) 4 Page - CUI INC

  VWRBT2 Datasheet HTML 1Page - CUI INC VWRBT2 Datasheet HTML 2Page - CUI INC VWRBT2 Datasheet HTML 3Page - CUI INC VWRBT2 Datasheet HTML 4Page - CUI INC VWRBT2 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date
11/01/2012 │ page 4 of 5
CUI Inc
│ SERIES: VWRBT2 │ DESCRIPTION: DC-DC CONVERTER
1.
Requirement on Output Load
In order to ensure the product operates efficiently and reliably, make sure the specified range of input voltage is not exceeded and
the minimum output load is not less than 10% load. If the actual load is less than the specifi ed minimum load, the output ripple may
increase sharply while its effi ciency and reliability will reduce greatly. If the actual output power is very small, please add an
appropriate resistor as extra loading.
2.
Recommended Circuit
All VWRBT2 converters have been tested according to the following recommended testing circuit before leaving the factory. This
series should be tested under load, never under no load (Figure 1).
However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise.
For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees
(Table 1).
General:
3.
Input Current
While using unstable power source, please ensure the output voltage and ripple voltage do not excced indexes of the converter. The
preceding power source must be able to provide for converter sufficient starting current Ip.
General: Ip ≤1.4*Iin-max
4.
No parallel connection or plug and play
5.
Solderability
reflow soldering, 240°C max.
DC
DC
Cin
+Vin
-Vin
+Vo
-Vo
Vout
(Vdc)
Cout
(μF)
3.3
2,200
5
1,000
9
680
12
470
15
330
Table 1
APPLICATION NOTES
Input Voltage (V)
Inp ut Voltage
Ra nge
Ip
Figure 1
Cin
12 V
24, 48 V
100 μF
10 ~ 47 μF
Cout
10 μF / 100 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com