Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

63142HP Datasheet(PDF) 2 Page - ebm-papst

Part # 63142HP
Description  DC axial fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

63142HP Datasheet(HTML) 2 Page - ebm-papst

  63142HP Datasheet HTML 1Page - ebm-papst 63142HP Datasheet HTML 2Page - ebm-papst 63142HP Datasheet HTML 3Page - ebm-papst 63142HP Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial fan
6314 /2HP
Technical features
General description
Particular design features:
Very rigid compression curve for high air flow at high counterpressure.
Low operating noise level at high counterpressure.
Standard with PWM control input and speed signal.
Other inputs and outputs on request.
General features:
Housing made of aluminium, impeller made of fibreglass-reinforced PA; housing with grounding lug
for M4 x 8 screw (Torx).
Protected against reverse polarity and locking.
Electrical connection via single strands AWG 22, TR 64, bared and tin-plated.
Air exhaust over bars. Direction of rotation counter-clockwise seen on rotor.
Mass: 910 g.
Mass
0.91 kg
Dimensions
172 Ø x 51 mm
Lifetime L10 at 40 °C
77500 h
Lifetime L10 at maximum
temperature
42500 h
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com