Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TO-236AB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TO-236AB
Description  20 v, 3.5A P-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TO-236AB Datasheet(HTML) 2 Page - NXP Semiconductors

  TO-236AB Datasheet HTML 1Page - NXP Semiconductors TO-236AB Datasheet HTML 2Page - NXP Semiconductors TO-236AB Datasheet HTML 3Page - NXP Semiconductors TO-236AB Datasheet HTML 4Page - NXP Semiconductors TO-236AB Datasheet HTML 5Page - NXP Semiconductors TO-236AB Datasheet HTML 6Page - NXP Semiconductors TO-236AB Datasheet HTML 7Page - NXP Semiconductors TO-236AB Datasheet HTML 8Page - NXP Semiconductors TO-236AB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PMV48XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 21 December 2010
2 of 15
NXP Semiconductors
PMV48XP
20 V, 3.5 A P-channel Trench MOSFET
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
% = placeholder for manufacturing site code
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT23 (TO-236AB)
2S
source
3
D
drain
12
3
017aaa094
S
D
G
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMV48XP
TO-236AB
plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
PMV48XP
KN%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com