Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5260 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5260
Description  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5260 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5260_10 Datasheet HTML 16Page - Analog Devices AD5260_10 Datasheet HTML 17Page - Analog Devices AD5260_10 Datasheet HTML 18Page - Analog Devices AD5260_10 Datasheet HTML 19Page - Analog Devices AD5260_10 Datasheet HTML 20Page - Analog Devices AD5260_10 Datasheet HTML 21Page - Analog Devices AD5260_10 Datasheet HTML 22Page - Analog Devices AD5260_10 Datasheet HTML 23Page - Analog Devices AD5260_10 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5260/AD5262
Rev. A | Page 21 of 24
–5V
OP1177
+
–
U2
+5V
RS
102
Ω
RL
100
Ω
VL
IL
A
B W
AD5260
C1
1µF
GND
REF191
SLEEP
VS
OUTPUT
+5V
U1
2
3
4
6
0V TO (2.048V + VL)
–2.048 TO VL
Figure 64. Programmable 4-to-20 mA Current Source
The circuit is simple, but be aware that dual-supply op amps are
ideal because the ground potential of REF191 can swing from
−2.048 V at zero scale to VL at full scale of the potentiometer
setting. Although the circuit works under single supply, the
programmable resolution of the system is reduced.
PROGRAMMABLE BIDIRECTIONAL CURRENT
SOURCE
For applications that require bidirectional current control or
higher voltage compliance, a Howland current pump can be a
solution (see Figure 65). If the resistors are matched, the load
current is
()
W
L
V
B
R
R1
B
R
A
R
I
×
+
=
2
2
2
(8)
AD8016
+15V
–15V
+5V
–5V
OP2177
AD5260
A1
W
A
B
C2
10pF
R1'
150k
Ω
R1
150k
Ω
R2'
15k
Ω
A2
C1
10pF
R2A
14.95k
Ω
RL
500
Ω
RL
50
Ω
+15V
–15V
VL
IL
Figure 65. Programmable Bidirectional Current Source
PROGRAMMABLE LOW-PASS FILTER
Digital Potentiometer AD5262 can be used to construct a
second-order, Sallen-Key low-pass filter (see Figure 66). The
design equations are
2
2
2
O
O
O
i
O
S
Q
S
V
V
ω
ω
ω
+
+
=
(9)
R1R2C1C2
O
1
=
ω
(10)
R2C2
R1C1
Q
1
1
+
=
(11)
Users can first select any convenient value for the capacitors. To
achieve maximally flat bandwidth where Q = 0.707, let C1 be
twice the size of C2 and let R1 = R2. As a result, users can adjust
R1 and R2 to the same settings to achieve the desirable bandwidth.
A
B
Vi
AD8601
+2.5V
VO
–2.5V
W
R
R2
R1
A
B
W
R
C1
C2
ADJUSTED TO
SAME SETTINGS
Figure 66. Sallen Key Low-Pass Filter
PROGRAMMABLE OSCILLATOR
In a classic Wien-bridge oscillator (see Figure 67), the Wien
network (R, R’, C, C’) provides positive feedback, whereas R1
and R2 provide negative feedback. At the resonant frequency, fo,
the overall phase shift is zero, and the positive feedback causes
the circuit to oscillate. With R = R’, C = C’, and R2 = R2A//(R2B +
RDIODE), the oscillation frequency is
RC
O
1
=
ω
or
RC
f
O
π
2
1
=
(12)
where R is equal to RWA such that
AB
R
D
R
256
256 −
=
(13)
At resonance, setting
2
=
R1
R2
(14)
balances the bridge. In practice, R2/R1 should be set slightly
larger than 2 to ensure the oscillation can start. However, the
alternate turn-on of the diodes, D1 and D2, ensures R2/R1 to
be smaller than 2 momentarily and therefore stabilizes the
oscillation.
When the frequency is set, the oscillation amplitude can be
tuned by R2B because
D
D
O
V
B
R
I
V
+
=
2
3
2
(15)
VO, ID, and VD are interdependent variables. With proper
selection of R2B, an equilibrium is reached such that VO
converges. R2B can be in series with a discrete resistor to
increase the amplitude, but the total resistance cannot be too
large to saturate the output.
In both circuits in Figure 66 and Figure 67, the frequency tuning
requires that both RDACs be adjusted to the same settings.
Because the two channels are adjusted one at a time, an intermedi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com