Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X0202MN5BA4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # X0202MN5BA4
Description  1.25 A sensitive gate SCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202MN5BA4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button X0202MN5BA4 Datasheet HTML 3Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 4Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 5Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 6Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 7Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 8Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 9Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 10Page - STMicroelectronics X0202MN5BA4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
X02
10/11
Doc ID 7480 Rev 4
4
Ordering information
5
Revision history
Table 9.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
X0202MA 1BA2
X0202 MA
TO-92
0.2 g
2500
Bulk
X0202MA 2BL2
X0202 MA
TO-92
0.2 g
2000
Ammopack
X0202MN5BA4
X2M
SOT-223
0.12 g
1000
Tape and reel
X0202NA 1BA2
X0202 NA
TO-92
0.2 g
2500
Bulk
X0202NA 2BL2
X0202 NA
TO-92
0.2 g
2000
Ammopack
X0202NN5BA4
X2N
SOT-223
0.12 g
1000
Tape and reel
X0205MA 1BA2
X0205 MA
TO-92
0.2 g
2500
Bulk
X0205MA 2BL2
X0205 MA
TO-92
0.2 g
2000
Ammopack
X0205NA 1BA2
X0205 NA
TO-92
0.2 g
2500
Bulk
X0202NUF
X2N
SMBflat-3L
46.914 mg
5000
Tape and reel
Table 10.
Document revision history
Date
Revision
Changes
Sep-2000
3
Previous issue
14-Jan-2011
4
Added SMBflat-3L package and ECOPACK statement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com