Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7407D Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7407D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7407D Datasheet HTML 2Page - STMicroelectronics TDA7407D Datasheet HTML 3Page - STMicroelectronics TDA7407D Datasheet HTML 4Page - STMicroelectronics TDA7407D Datasheet HTML 5Page - STMicroelectronics TDA7407D Datasheet HTML 6Page - STMicroelectronics TDA7407D Datasheet HTML 7Page - STMicroelectronics TDA7407D Datasheet HTML 8Page - STMicroelectronics TDA7407D Datasheet HTML 9Page - STMicroelectronics TDA7407D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7407D
6/34
fC
Center Frequency
fC1
450
500
550
Hz
fC2
0.9
1
1.1
kHz
fC3
1.35
1.5
1.65
kHz
fC4
1.8
2
2.2
kHz
QMID
Quality Factor
Q1
0.9
1
1.1
Q2
1.8
2
2.2
TREBLE CONTROL
CRANGE
Control Range
±13
±15
±17
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency
fC1
810
12
KHz
fC2
10
12.5
15
KHz
fC3
12
15
18
KHz
fC4
14
17.5
21
KHz
SPEAKER ATTENUATORS
RIN
Input Impedance
35
50
65
K
Ω
GMAX
Max Gain
13
15
17
dB
AMAX
Max Attenuation
-70
-79
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
±2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
5
mV
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.2
2.6
VRMS
RL
Output Load Resistance
2
K
Ω
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
120
Ω
VDC
DC Voltage Level
4.3
4.5
4.7
V
GENERAL
eNO
Output Noise
BW = 20 Hz to 20 KHz
output muted
315
µV
BW = 20 Hz to 20 KHz
all gain = 0dB
6.5
15
µV
S/N
Signal to Noise Ratio
all gain = 0dB flat; VO = 2VRMS
102
110
dB
bass treble at 12dB;
a-weighted; VO = 2.6VRMS
96
100
dB
d
Distortion
VIN = 1VRMS; all stages 0dB
0.002
0.1
%
VIN = 1VRMS; Bass & Treble =
12dB
0.05
0.1
%
Table 6. Electrical Characteristics (continued)
(VS = 9V; Tamb = 25°C; RL = 10K
Ω; all gains = 0dB; f = 1KHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com