Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCC4028BK Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCC4028BK
Description  Rad-hard high voltage CMOS logic series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4028BK Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCC4028BK Datasheet HTML 4Page - STMicroelectronics HCC4028BK Datasheet HTML 5Page - STMicroelectronics HCC4028BK Datasheet HTML 6Page - STMicroelectronics HCC4028BK Datasheet HTML 7Page - STMicroelectronics HCC4028BK Datasheet HTML 8Page - STMicroelectronics HCC4028BK Datasheet HTML 9Page - STMicroelectronics HCC4028BK Datasheet HTML 10Page - STMicroelectronics HCC4028BK Datasheet HTML 11Page - STMicroelectronics HCC4028BK Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Maximum rating
HCC4xxx
8/24
Doc ID 17102 Rev 3
3
Maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Note:
All voltage values are referred to VSS pin voltage.
3.1
Recommended operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.5 to 22
V
VI
DC input voltage
-0.5 to VDD + 0.5
V
II
DC input current
±10
mA
PD
Power dissipation per package
200
mW
TOP
Operating temperature
-55 to +125
°C
TSTG
Storage temperature
-65 to +150
°C
Table 3.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
20
V
VI
Input voltage
0 to VDD
V
TOP
Operating temperature
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com