Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIMB-R4301-03A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-R4301-03A1E
Description  Riser Card Selection Guide
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-R4301-03A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-R4301-03A1E Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial Motherboards
Riser Card Selection Guide
Selection Guide
Model Name
AIMB-RP10P-01A1E
AIMB-RP30P-03A1E
AIMB-RP3PF-21A1E
AIMB-RP3P8-12A1E
Interface
PCI
PCI
PCIe x16 / PCI
PCIe x16 / PCI
Expansion Slots
1 PCI
3 PCI
1 PCIe x16 + 2 PCI
2 PCIe x16 + 1 PCI
Chassis
1U
Yes
-
-
-
2U
-
Yes
Yes
Yes
ATX
AIMB-780
Yes
Yes
Yes
Yes (WG2 Only)*
AIMB-767
Yes
Yes
Yes
-
AIMB-766
Yes
Yes
Yes
-
AIMB-763
-
-
Yes
-
MicroATX
AIMB-582
Yes
Yes
-
Yes (WG2 Only)*
AIMB-581
Yes
Yes
Yes
Yes (WG2 Only)*
AIMB-580
Yes
Yes
Yes
Yes (WG2 Only)*
AIMB-567
Yes
Yes
Yes
-
AIMB-566
Yes
Yes
-
-
AIMB-564
-
-
Yes
-
AIMB-562
-
-
Yes
-
AIMB-501
KIOSK
Yes
Yes
Yes
-
*Note: AIMB-RP3P8-12A1E is not compatible with ACP-2010MB/2320MB chassis unless change special bracket to special bracket 1950014302N001 for riser card AIMB-RP3P8-12A1E
Selection Guide
Model Name
AIMB-R4104-01A1E
AIMB-R430P-03A2E
AIMB-R4301-03A1E
AIMB-R431F-21A1E
AIMB-R43PF-21A1E
Interface
PCIe x4
PCIe x4
PCIe x4
PCIe x16 / PCIe x4
PCIe x16 / PCIe x4
Expansion Slots
1 PCIe x4
3 PCI
3 PCIe x1
1 PCIe x16 + 2 PCIe x1
1 PCIe x16 + 2 PCI
Chassis
1U
Yes
-
-
-
-
2U
-
Yes
Yes
Yes
Yes
ATX
AIMB-782
-
Yes
Yes
-
Yes
AIMB-781
Yes
Yes
Yes
-
-
AIMB-769
Yes
Yes
-
-
AIMB-764
Yes
Yes
Yes
Yes
Yes
AIMB-762
Yes
Yes
Yes
Micro ATX
AIMB-562
KIOSK
-
Yes
-
-
-
AIMB-556
Yes
Yes
Yes
Yes
Yes
AIMB-554
Yes
Yes
Yes
Yes: Fully compatible
: Only one PCIe x1 connector works (bottom slot).
All product specifications are subject to change without notice
Last updated : 3-Aug-2012


Similar Part No. - AIMB-R4301-03A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-R4301-03A1E ADVANTECH-AIMB-R4301-03A1E Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
AIMB-R4301-03A1E ADVANTECH-AIMB-R4301-03A1E Datasheet
590Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
3-Jan-2023
More results

Similar Description - AIMB-R4301-03A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R430P-03A2E ADVANTECH-AIMB-R430P-03A2E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R431F-21A1E ADVANTECH-AIMB-R431F-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-R4104-01A1E ADVANTECH-AIMB-R4104-01A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP3P8-12A1E ADVANTECH-AIMB-RP3P8-12A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP3PF-21A1E ADVANTECH-AIMB-RP3PF-21A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E Datasheet
1Mb / 1P
Riser Card Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
selection guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
Selection Guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
SELECTION GUIDE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com