Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPIC-QM77 Datasheet(PDF) 2 Page - AAEON Technology

Part # EPIC-QM77
Description  EPIC Board with Onboard Intel R Core Tm i7-3555LE/Celeron R 847E Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EPIC-QM77 Datasheet(HTML) 2 Page - AAEON Technology

  EPIC-QM77 Datasheet HTML 1Page - AAEON Technology EPIC-QM77 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-2
Dimension
Unit: mm
EPIC-QM77
Ordering Information
Part Number
CPU
Fan/Fanless
Display Combination
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp
TBD
i7-3555LE
Fanless
CRT + DVI,
LVDS x 2, HDMI
SATA x 2
mSATA x 1
24-bit, 2CH
2
USB3.0 x 2,
USB2.0 x 6
5
1
PCI-104 x 1
Mini Card x 1, the 2nd Mini
Card (Optional)
+12V, AT/ATX
0°C ~ 60°C
TBD
i5-3517UE
Fanless
CRT + DVI,
LVDS x 2, HDMI
SATA x 2
mSATA x 1
24-bit, 2CH
2
USB3.0 x 2,
USB2.0 x 6
5
1
PCI-104 x 1
Mini Card x 1, the 2nd Mini
Card (Optional)
+12V, AT/ATX
0°C ~ 60°C
TBD
•
Optional Accessories
Launching in Q2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com