Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE6823 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6823
Description  75 Watts WR-75 RF Load Up To 15 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6823 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6823 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6823 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Watts WR-75 RF Load Up To 15 GHz
Configuration
Connector
WR-75
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
10 to 15
Impedance, Ohms
50
Maximum VSWR
1.07:1
Maximum Input Power, Watts
75
Mechanical Specifications
Size
Length, in [mm]
5 [127]
Width/Dia., in [mm]
1.5 [38.1]
Height, in [mm]
1.5 [38.1]
.
Connector
Type
WR-75
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Watts WR-75 RF Load Up To 15 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Watts WR-75 RF Load Up To 15 GHz PE6823
URL: http://www.pasternack.com/medium-power-waveguide-termination-frequency-range-1000-1500-ghz-pe6823-p.aspx
PE6823
PE6823 REV
75 Watts WR-75 RF Load Up To 15 GHz


Similar Part No. - PE6823

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
PE6820 PASTERNACK-PE6820 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6821 PASTERNACK-PE6821 Datasheet
207Kb / 2P
55 Watts WR-51 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
More results

Similar Description - PE6823

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6805 PASTERNACK-PE6805 Datasheet
206Kb / 2P
2 Watts WR-75 RF Load Up To 15 GHz
PE6814 PASTERNACK-PE6814 Datasheet
207Kb / 2P
2 Watts Precision WR-75 RF Load Up To 15 GHz
PE6827 PASTERNACK-PE6827 Datasheet
210Kb / 2P
75 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6828 PASTERNACK-PE6828 Datasheet
207Kb / 2P
75 Watts WR-34 RF Load Up To 33 GHz
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
175 Watts WR-75 RF Load Up To 15 GHz
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1005 PASTERNACK-PEWTR1005 Datasheet
365Kb / 3P
2.5 Watts Low Power Commercial Grade WR-75 Waveguide Load 10 GHz to 15 GHz
PE-W10TR1001 PASTERNACK-PE-W10TR1001 Datasheet
406Kb / 3P
0.4 Watts Instrumentation Grade WR-10 Waveguide Load 75 GHz to 110 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com