Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F407IE Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F407IE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IE Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F407IE Datasheet HTML 73Page - STMicroelectronics STM32F407IE Datasheet HTML 74Page - STMicroelectronics STM32F407IE Datasheet HTML 75Page - STMicroelectronics STM32F407IE Datasheet HTML 76Page - STMicroelectronics STM32F407IE Datasheet HTML 77Page - STMicroelectronics STM32F407IE Datasheet HTML 78Page - STMicroelectronics STM32F407IE Datasheet HTML 79Page - STMicroelectronics STM32F407IE Datasheet HTML 80Page - STMicroelectronics STM32F407IE Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 167 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 2
77/167
Figure 25.
Typical VBAT current consumption (LSE and RTC ON/backup RAM OFF)
Table 22.
Typical and maximum current consumptions in VBAT mode
(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
TA = 25 °C
TA = 85 °C
TA =
105 °C
VBAT =
1.8 V
VBAT=
2.4 V
VBAT =
3.3 V
VBAT = 3.6 V
IDD_VBAT
Backup
domain supply
current
Backup SRAM ON, low-speed
oscillator and RTC ON
1.29
1.42
1.68
TBD(2)
TBD(2)
µA
Backup SRAM OFF, low-speed
oscillator and RTC ON
0.62
0.73
0.96
TBD(2)
TBD(2)
Backup SRAM ON, RTC OFF
0.79
0.81
0.86
9(2)
16(2)
Backup SRAM OFF, RTC OFF
0.10
0.10
0.10
5(2)
7(2)
1.
TBD stands for “to be defined”.
2.
Based on characterization, not tested in production.
0
0.5
1
1.5
2
2.5
3
3.5
0
102030405060708090
100
Temperature in (°C)
1.65V
1.8V
2V
2.4V
2.7V
3V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com