Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V23201-R1005-A502 Datasheet(PDF) 1 Page - Tyco Electronics

Part # V23201-R1005-A502
Description  Power Relay PK2 (THT ??THR) Single Relays PCB Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23201-R1005-A502 Datasheet(HTML) 1 Page - Tyco Electronics

  V23201-R1005-A502 Datasheet HTML 1Page - Tyco Electronics V23201-R1005-A502 Datasheet HTML 2Page - Tyco Electronics V23201-R1005-A502 Datasheet HTML 3Page - Tyco Electronics V23201-R1005-A502 Datasheet HTML 4Page - Tyco Electronics V23201-R1005-A502 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Power Relay PK2 (THT – THR)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 3-2008
All specifications subject to change. Consult Tyco Electronics for latest specifications.
134
Features
– 60% volume reduced
Power K at increased
performance
– PCB area requirements
minimized by 50% to
only 293 mm2
– Size optimized to
L x W x H (mm)
18.3 x 16 x 15.9
– Limiting continuous
current 40 A
– Maximum switch on
current 200 A
– Increased ambient
temperature 105°C
– Design allows highest
reliability
– High shock and vibration
resistance
– Wave (THT) and reflow
(THR/pin-in-paste)
solderable versions
– For latching (bistable)
version refer to
Power Relay PK2 Latching
Typical Applications
– ABS control
– Blower fans
– Cooling fan
– Engine control
– Fuel pump
– Glow plug
– Hazard warning signal
– Switched power supply
Please contact Tyco Electronics for
relay application support.
Design
– ELV/ RoHS/ WEEE compliant
– THT: sealed type washable
– THR: sealed type open vent hole
Weight
Approx. 11 g (0.39 oz.)
Nominal Voltage
12 V
Terminals
PCB terminals for assembly on
printed circuit boards
Conditions
All parametric, environmental and
endurance tests are performed
according to EIA Standard RS-407-A
at standard test conditions unless
otherwise noted:
23°C ambient temperature,
20 - 50% RH, 998.9 ±33.9 hPa.
For general storage and processing
recommendations please refer to our
Application Notes and especially to
Storage in the “Glossary” page 23 or
at http://relays.tycoelectronics.com/
appnotes/
201_C-R_3D3
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of the
relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and to request
our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without notification.
All rights of Tyco Electronics are reserved.
03a-PCB_Single_p_105-161_1.qxd
17.03.2008
17:42 Uhr
Seite 134


Similar Part No. - V23201-R1005-A502

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23232-D0001-X001 TEC-V23232-D0001-X001 Datasheet
585Kb / 3P
Automotive Relays High Current Devices
logo
Tyco Electronics
V23234 MACOM-V23234 Datasheet
876Kb / 4P
Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23234-A0001-X032 MACOM-V23234-A0001-X032 Datasheet
876Kb / 4P
Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23234-A0001-X038 MACOM-V23234-A0001-X038 Datasheet
876Kb / 4P
Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23234-A0001-X040 MACOM-V23234-A0001-X040 Datasheet
876Kb / 4P
Power Relay B Plug-in Mini ISO Relays Automotive Relays
More results

Similar Description - V23201-R1005-A502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
Tyco Electronics
T72M MACOM-T72M Datasheet
132Kb / 5P
PCB Relays / Single Relays
V23072-A1061-A303 MACOM-V23072-A1061-A303 Datasheet
267Kb / 6P
PCB relays Single relays Mini power relay K (open and sealed)
logo
List of Unclassifed Man...
HRS4E ETC2-HRS4E_1 Datasheet
174Kb / 4P
PCB Power Relays
HRS4 ETC2-HRS4 Datasheet
168Kb / 4P
PCB Power Relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
PCB Power Relays
logo
Tyco Electronics
V23138 MACOM-V23138 Datasheet
376Kb / 5P
Single Nano Relay (THT ??THR)
logo
Omron Electronics LLC
G6QE OMRON-G6QE Datasheet
180Kb / 4P
PCB Power Relays
0219/0718
G9KA OMRON-G9KA Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com