Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFAS1008G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFAS1008G
Description  10 AMPS Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAS1008G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFAS1008G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAS1008G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFAS1008G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFAS1008G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
Glass passivated junction chip
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
SFAS1008G
D2PAK
800 / 13" REEL
RN
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Version:B13
Ordering Information
Part No.
Package
Packing
Packing
code
Packing code
(Green)
Operating Temperature Range
- 65 to + 150
Storage Temperature Range
- 65 to + 150
Note 1: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Maximum Reverse Recovery Time (Note 1)
35
Typical Junction Capacitance (Note 2)
60
Typical Thermal Resistance
2.2
A
Maximum Instantaneous Forward Voltage
@ 10 A
VF
1.7
V
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
IR
10
uA
400
Maximum DC Blocking Voltage
600
Maximum Average Forward Rectified Current
10
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
125
Weight: 1.33 grams
Type Number
SFAS1008G
Maximum Repetitive Peak Reverse Voltage
600
Maximum RMS Voltage
420
RNG
Mechanical Data
Case: D
2PAK Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering:
260℃/10 seconds/.16",(4.06mm) from case
SFAS1008G
10 AMPS Surface Mount Super Fast Rectifiers
D
2PAK
Features
For use in low voltage, high frequency inverter,
Free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode


Similar Part No. - SFAS1008G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAS1008G TSC-SFAS1008G Datasheet
170Kb / 2P
10 AMPS Surface Mount Super Fast Rectifiers
More results

Similar Description - SFAS1008G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2A ETC1-ES2A Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2A TSC-ES2A_1 Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
ES2AA TSC-ES2AA_1 Datasheet
134Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES3A TSC-ES3A Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3A TSC-ES3A_1 Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
SFAS801G TSC-SFAS801G_1 Datasheet
167Kb / 2P
8.0 AMPS. Surface Mount Super Fast Rectifiers
SFAS1008G TSC-SFAS1008G Datasheet
170Kb / 2P
10 AMPS Surface Mount Super Fast Rectifiers
ES2A TSC-ES2A_10 Datasheet
597Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES1A LUGUANG-ES1A Datasheet
182Kb / 2P
1.0 AMPS. Surface Mount Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com