Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V2DIP1-48 Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # V2DIP1-48
Description  Designed to allow rapid development of designs using the VNC2-48Q IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP1-48 Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button V2DIP1-48 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP1-48 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP1-48 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP1-48 Datasheet HTML 12Page - Future Technology Devices International Ltd. V2DIP1-48 Datasheet HTML 13Page - Future Technology Devices International Ltd. V2DIP1-48 Datasheet HTML 14Page - Future Technology Devices International Ltd. V2DIP1-48 Datasheet HTML 15Page - Future Technology Devices International Ltd. V2DIP1-48 Datasheet HTML 16Page - Future Technology Devices International Ltd. V2DIP1-48 Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
12
Document Reference No.: FT_000236
V2DIP1-48 VNC2-48 Development Module Datasheet Version 1.01
Clearance No.: FTDI# 153
Table 3.6 - Data and Control Bus Signal Mode Options – SPI Master
3.7 Parallel FIFO Interface-Asynchronous Mode
The Parallel FIFO Asynchronous mode is functionally the same as the Parallel FIFO Interface present in
VDIP1 has an eight bit parallel data bus, individual read and write strobes and two hardware flow control
signals.
3.7.1 Signal Description - Parallel FIFO Interface
The Parallel FIFO Interface signals can be programmed to a choice of available I/O pins.
Table 3.7
shows the Parallel FIFO Interface signals and the pins that they can be mapped.
Available Pins
Name
Type
Description
J1-6, J1-11, J2-5, J2-10
fifo_data[0]
I/O
FIFO data bus Bit 0
J1-2, J1-8, J1-12, J2-9
fifo_data[1]
I/O
FIFO data bus Bit 1
J1-3, J1-9, J2-12, J2-8
fifo_data[2]
I/O
FIFO data bus Bit 2
J1-10, J2-11, J2-6
fifo_data[3]
I/O
FIFO data bus Bit 3
J1-6, J1-11, J2-5, J2-10
fifo_data[4]
I/O
FIFO data bus Bit 4
J1-2, J1-8, J1-12, J2-9
fifo_data[5]
I/O
FIFO data bus Bit 5
J1-3, J1-9, J2-12, J2-8
fifo_data[6]
I/O
FIFO data bus Bit 6
J1-10, J2-11, J2-6
fifo_data[7]
I/O
FIFO data bus Bit 7
J1-6, J1-11, J2-5, J2-10
fifo_rxf#
Output
When high, do not read data from
the FIFO. When low, there is data
available in the FIFO which can be
read bystrobing RD# low, then high.
J1-2, J1-8, J1-12, J2-9
fifo_txe#
Output
When high, do not write data into the
FIFO. When low, data can be written
into the FIFO by strobing WR high,
then low.
J1-3, J1-9, J2-12, J2-8
fifo_rd#
Input
Enables the current FIFO data byte
on D0...D7 when low. Fetches the
next FIFO data byte (if available)
from the receive FIFO buffer when
RD# goes from high to low
J1-10, J2-11, J2-6
fifo_wr#
Input
Writes the data byte on the D0...D7
pins into the transmit FIFO buffer
when WR goes from high to low.
Table 3.7 - Data and Control Bus Signal Mode Options – Parallel FIFO Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com