Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP2a-L2-DC12V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DSP2a-L2-DC12V
Description  8 A MINIATURE POWER RELAY IN DS RELAY SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSP2a-L2-DC12V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DSP2a-L2-DC12V Datasheet HTML 1Page - List of Unclassifed Manufacturers DSP2a-L2-DC12V Datasheet HTML 2Page - List of Unclassifed Manufacturers DSP2a-L2-DC12V Datasheet HTML 3Page - List of Unclassifed Manufacturers DSP2a-L2-DC12V Datasheet HTML 4Page - List of Unclassifed Manufacturers DSP2a-L2-DC12V Datasheet HTML 5Page - List of Unclassifed Manufacturers DSP2a-L2-DC12V Datasheet HTML 6Page - List of Unclassifed Manufacturers DSP2a-L2-DC12V Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS-P
4.-(1) Operate & release time
(without diode, 1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
4.-(2) Operate & release time
(without diode, 1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
4.-(3) Operate & release time
(without diode, 2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.)
80
100
120
4
3
2
1
0
5
6
7
Max.
x
Max.
Min.
Coil applied voltage, %V
x
Min.
Operate time
Release time
80
100
110
0
1
2
3
4
5
6
7
8
9
Max.
Min.
x
x
Max.
Min.
Coil applied voltage, %V
Operate time
Release time
80
100
120
0
1
2
3
4
5
6
7
8
9
Max.
Min.
x
x
Max.
Min.
Coil applied voltage, %V
Operate time
Release time
4.-(4) Operate & release time
(with diode, 1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
4.-(5) Operate & release time
(with diode, 1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
4.-(6) Operate & release time
(with diode, 2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.
80
100
120
0
1
2
3
4
5
6
7
8
9
x
Min.
Max.
Min.
Coil applied voltage, %V
Operate time
Release time
Max.
x
80
100
110
0
1
2
3
4
5
6
7
8
9
Min.
Max.
Min.
Max.
x
Coil applied voltage, %V
Operate time
Release time
x
80
100
120
0
1
2
3
4
5
6
7
8
9
Max.
x
Min.
Coil applied voltage, %V
Operate time
Release time
Max.
Min.
x
5.-(1) Change of pick-up and drop-out voltage
(1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
5.-(2) Change of pick-up and drop-out voltage
(1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
5.-(3) Change of pick-up and drop-out voltage
(2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.
–40 –20
0
20 40
60
80
50
–50
Ambient
temperature,
°C
Pick-up voltage
Drop-out
voltage
–40 –20
0
20 40
60
80
50
–50
Ambient
temperature,
°C
Pick-up voltage
Drop-out voltage
–40 –20
0
20 40
50
–50
Ambient
temperature,
°C
Pick-up voltage
Drop-out
voltage
60
80
6.-(1) Influence of adjacent mounting
(1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
6.-(2) Influence of adjacent mounting
(1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
6.-(3) Influence of adjacent mounting
(2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.
0
5
0
1
5
10
15
5
10
15
A, C
relays
are not
energized
A, C
relays
are
energized
A
B
C
Pick-up voltage
Drop-out voltage
Inter-relay distance ( ), mm
1
2
3
4
5
6
–8
–10
–6
–4
–2
0
0
2
4
6
8
10
A, C
relays
are not
energized
A, C
relays
are
energized
A
B
C
Pick-up voltage
Drop-out voltage
Inter-relay distance ( ), mm
0
5
0
1
5
10
15
5
10
15
A, C
relays
are not
energized
A, C
relays
are
energized
A
B
C
Pick-up voltage
Drop-out voltage
Inter-relay distance ( ), mm
All Rights Reserved © C
OPYRIGHT
Panasonic Electric Works,, Ltd.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com