Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103XC Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F103XC
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F103XC_11 Datasheet HTML 9Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 10Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 11Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 12Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 13Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 14Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 15Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 16Page - STMicroelectronics STM32F103XC_11 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Description
Doc ID 14611 Rev 8
13/130
Figure 2.
Clock tree
1.
When the HSI is used as a PLL clock input, the maximum system clock frequency that can be achieved is
64 MHz.
2.
For the USB function to be available, both HSE and PLL must be enabled, with the USBCLK at 48 MHz.
3.
To have an ADC conversion time of 1 µs, APB2 must be at 14 MHz, 28 MHz or 56 MHz.
HSE OSC
4-16 MHz
OSC_IN
OSC_OUT
OSC32_IN
OSC32_OUT
LSE OSC
32.768 kHz
HSI RC
8 MHz
LSI RC
40 kHz
to Independent Watchdog (IWDG)
PLL
x2, x3, x4
PLLMUL
HSE = High Speed External clock signal
LSE = Low Speed External clock signal
LSI = Low Speed Internal clock signal
HSI = High Speed Internal clock signal
Legend:
MCO
Clock Output
Main
PLLXTPRE
/2
..., x16
AHB
Prescaler
/1, 2..512
/2
PLLCLK
HSI
HSE
APB1
Prescaler
/1, 2, 4, 8, 16
ADC
Prescaler
/2, 4, 6, 8
ADCCLK
PCLK1
HCLK
PLLCLK
to AHB bus, core,
memory and DMA
USBCLK
to USB interface
USB
Prescaler
/1, 1.5
to ADC1, 2 or 3
LSE
LSI
HSI
/128
/2
HSI
HSE
peripherals
to APB1
Peripheral Clock
Enable (20 bits)
Enable (6 bits)
Peripheral Clock
APB2
Prescaler
/1, 2, 4, 8, 16
PCLK2
TIM1 & 8 timers
to TIM1 and TIM8
peripherals to APB2
Peripheral Clock
Enable (15 bits)
Enable (2 bit)
Peripheral Clock
48 MHz
72 MHz max
72 MHz
72 MHz max
36 MHz max
to RTC
PLLSRC
SW
MCO
CSS
to Cortex System timer
/8
Clock
Enable (4 bits)
SYSCLK
max
RTCCLK
RTCSEL[1:0]
TIMxCLK
TIMXCLK
IWDGCLK
SYSCLK
FCLK Cortex
free running clock
/2
TIM2,3,4,5,6,7
to TIM2,3,4,5,6 and 7
To SDIO AHB interface
Peripheral clock
enable
HCLK/2
to FSMC
FSMCCLK
to SDIO
Peripheral clock
enable
Peripheral clock
enable
to I2S3
to I2S2
Peripheral clock
enable
Peripheral clock
enable
I2S3CLK
I2S2CLK
SDIOCLK
ai14752b
If (APB1 prescaler =1) x1
else x2
If (APB2 prescaler =1) x1
else x2
FLITFCLK
to Flash programming interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com