Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC855T Datasheet(PDF) 68 Page - Motorola, Inc

Part # MPC855T
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC855T Datasheet(HTML) 68 Page - Motorola, Inc

Back Button MPC855T Datasheet HTML 64Page - Motorola, Inc MPC855T Datasheet HTML 65Page - Motorola, Inc MPC855T Datasheet HTML 66Page - Motorola, Inc MPC855T Datasheet HTML 67Page - Motorola, Inc MPC855T Datasheet HTML 68Page - Motorola, Inc MPC855T Datasheet HTML 69Page - Motorola, Inc MPC855T Datasheet HTML 70Page - Motorola, Inc MPC855T Datasheet HTML 71Page - Motorola, Inc MPC855T Datasheet HTML 72Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
68
MPC860 Family Hardware Specifications
MOTOROLA
MII Async Inputs Signal Timing (MII_CRS, MII_COL)
Figure 13-71 shows the MII transmit signal timing diagram.
Figure 13-71. MII Transmit Signal Timing Diagram
13.3 MII Async Inputs Signal Timing (MII_CRS,
MII_COL)
Table 13-29 provides information on the MII async inputs signal timing.
Figure 13-72 shows the MII asynchronous inputs signal timing diagram.
Figure 13-72. MII Async Inputs Timing Diagram
Table 13-28. MII Transmit Signal Timing
Num
Characteristic
Min
Max
Unit
M5
MII_TX_CLK to MII_TXD[3:0], MII_TX_EN, MII_TX_ER invalid
5
—
ns
M6
MII_TX_CLK to MII_TXD[3:0], MII_TX_EN, MII_TX_ER valid
—
25
M7
MII_TX_CLK pulse width high
35
65%
MII_TX_CLK
period
M8
MII_TX_CLK pulse width low
35%
65%
MII_TX_CLK
period
Table 13-29. MII Async Inputs Signal Timing
Num
Characteristic
Min
Max
Unit
M9
MII_CRS, MII_COL minimum pulse width
1.5
—
MII_TX_CLK
period
M6
MII_TX_CLK (Input)
MII_TXD[3:0] (Outputs)
MII_TX_EN
MII_TX_ER
M5
M7
M8
MII_CRS, MII_COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com