Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC860DP Datasheet(PDF) 71 Page - Motorola, Inc

Part # MPC860DP
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860DP Datasheet(HTML) 71 Page - Motorola, Inc

Back Button MPC860DP Datasheet HTML 67Page - Motorola, Inc MPC860DP Datasheet HTML 68Page - Motorola, Inc MPC860DP Datasheet HTML 69Page - Motorola, Inc MPC860DP Datasheet HTML 70Page - Motorola, Inc MPC860DP Datasheet HTML 71Page - Motorola, Inc MPC860DP Datasheet HTML 72Page - Motorola, Inc MPC860DP Datasheet HTML 73Page - Motorola, Inc MPC860DP Datasheet HTML 74Page - Motorola, Inc MPC860DP Datasheet HTML 75Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
71
Mechanical Data and Ordering Information
Table 14-33 identifies the packages and operating frequencies available for the MPC860P.
Ball grid array
(ZP suffix)
50
0° to 95°C
XPC860DEZP50nn 1
XPC860DTZP50nn
XPC860ENZP50nn
XPC860SRZP50nn
XPC860TZP50nn
XPC855TZP50D4
66
0° to 95°C
XPC860DEZP66nn
XPC860DTZP66nn
XPC860ENZP66nn
XPC860SRZP66nn
XPC860TZP66nn
XPC855TZP66D4
80
0° to 95°C
XPC860DEZP80nn
XPC860DTZP80nn
XPC860ENZP80nn
XPC860SRZP80nn
XPC860TZP80nn
XPC855TZP80D4
Ball grid array
(CZP suffix)
50
–40° to 95°C
XPC860DECZP50nn
XPC860DTCZP50nn
XPC860ENCZP50nn
XPC860SRCZP50nn
XPC860TCZP50nn
XPC855TCZP50D4
66
–40° to 95°C
XPC860DECZP66nn
XPC860DTCZP66nn
XPC860ENCZP66nn
XPC860SRCZP66nn
XPC860TCZP66nn
XPC855TCZP66D4
1 Where nn specifies version D.3 (as D3) or D.4 (as D4).
Table 14-33. MPC860P Package/Frequency Availability
Package Type
Frequency
(MHz)
Temperature
(Tj)
Order Number
Ball grid array
(ZP suffix)
50
0° to 95°C
XPC860DPZP50nn 1
XPC860PZP50nn
1 Where nn specifies version D.3 (as D3) or D.4 (as D4).
66
0° to 95°C
XPC860DPZP66nn
XPC860PZP66nn
80
0° to 95°C
XPC860DPZP80nn
XPC860PZP80nn
Ball grid array
(CZP suffix)
50
–40° to 95°C
XPC860DPCZP50nn
XPC860PCZP50nn
66
–40° to 95°C
XPC860DPCZP66nn
XPC860PCZP66nn
Table 14-32. MPC860 Family Package/Frequency Availability (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com