Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC947 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC947
Description  LOW VOLTAGE 1:9 CLOCK DISTRIBUTION CHIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC947 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC947 Datasheet HTML 1Page - Motorola, Inc MPC947 Datasheet HTML 2Page - Motorola, Inc MPC947 Datasheet HTML 3Page - Motorola, Inc MPC947 Datasheet HTML 4Page - Motorola, Inc MPC947 Datasheet HTML 5Page - Motorola, Inc MPC947 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPC947
TIMING SOLUTIONS
BR1333 — Rev 6
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
(CMOS Inputs)
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±0.3V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
3.6
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.5
V
IOH = –20mA (Note 1.)
VOL
Output LOW Voltage
0.4
V
IOL = 20mA (Note 1.)
IIN
Input Current
–100
µA
Note 2.
ICC
Maximum Quiescent Supply Current
21
28
mA
CIN
Input Capacitance
4
pF
Cpd
Power Dissipation Capacitance
25
pF
Per Output
1. The MPC947 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge (see Applications
Info section).
2. IIN current is a result of internal pull–up resistors.
AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±0.3V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
110
MHz
Note 3.
tpd
Propagation Delay
TCLK to Q
4.75
9.25
ns
Note 3.
tsk(o)
Output–to–Output Skew
500
ps
Note 3.
tsk(pr)
Part–to–Part Skew
2.0
ns
Notes 3., 4.
tpwo
Output Pulse Width
tCYCLE/2
– 800
tCYCLE/2
+ 800
ps
Note 3.,
Measured at VCC/2
ts
Setup Time
Sync_OE to Input Clk
0.0
ns
Notes 3., 5.
th
Hold Time
Input Clk to Sync_OE
1.0
ns
Notes 3., 5.
tPZL, tPZH
Output Enable Time
11
ns
tPLZ, tPHZ
Output Disable Time
11
ns
tr, tf
Output Rise/Fall Time
0.2
1.0
ns
0.8V to 2.0V
3. Driving 50
Ω terminated to VCC/2.
4. Part–to–part skew at a given temperature and voltage.
5. Setup and Hold times are relative to the falling edge of the input clock.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com