Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP9578GP Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP9578GP
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9578GP Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP9578GP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9578GP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9578GP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9578GP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9578GP Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9578GP Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP9578GS/P
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-60
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=-1mA
-
-0.06
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-5A
-
-
160
mΩ
VGS=-4.5V, ID=-3A
-
-
200
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-5A
-
6
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-60V, VGS=0V
-
-
-10
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=-48V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=±25V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=-5A
-
10
16
nC
Qgs
Gate-Source Charge
VDS=-48V
-
2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
4
-
nC
td(on)
Turn-on Delay Time
2
VDS=-30V
-
10
-
ns
tr
Rise Time
ID=-5A
-
13
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-10V
-
34
-
ns
tf
Fall Time
RD=6Ω
-29
-
ns
Ciss
Input Capacitance
VGS=0V
-
760
1220
pF
Coss
Output Capacitance
VDS=-25V
-
80
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
60
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=-5A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
2
IS=-5A, VGS=0V,
-
45
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
107
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS AN ELECTROSTATIC SENSITIVE, PLEASE HANDLE WITH CAUTION.
DEVICE OR SYSTEM ARE NOT AUTHORIZED.
THIS PRODUCT HAS BEEN QUALIFIED FOR CONSUMER MARKET. APPLICATIONS OR USES AS CRITERIAL COMPONENT IN LIFE SUPPORT
2/4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com