Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMBR20150CTG Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBR20150CTG
Description  SWITCHMODE Power Rectifiers Guard?뭃ing for Stress Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR20150CTG Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBR20150CTG Datasheet HTML 1Page - Leshan Radio Company LMBR20150CTG Datasheet HTML 2Page - Leshan Radio Company LMBR20150CTG Datasheet HTML 3Page - Leshan Radio Company LMBR20150CTG Datasheet HTML 4Page - Leshan Radio Company LMBR20150CTG Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LMBR2040CTG, LMBR2045CTG, LMBR2060CTG, LMBR2080CTG
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
LMBR
Unit
2040 2045
20150
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
45
60
150
V
Average Rectified Forward Current
(Rated VR) TC = 133°C
IF(AV)
10
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 133°C
IFRM
20
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave,
single phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz)
IRRM
0.5
A
Operating Junction Temperature (Note 1)
TJ
*55 to +150
°C
Storage Temperature
Tstg
*55 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
THERMAL CHARACTERISTICS
Maximum Thermal Resistance Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
2.0
60
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 10 Amps, TC = 25°C)
vF
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
40.0
0.5
mA
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Package
Shipping†
TO−220
LMBR2040CTG, LMBR2045CTG
LMBR2090CTG, LMBR20100CTG
50 Units/Rail
2/5
0.55
0.75
0.85
CTG CTG
2060
CTG
CTG
80
2080
CTG
90
2090
CTG
100
20100
CTG
LMBR2090CTG, LMBR20100CTG, LMBR20150CTG
LMBR2060CTG, LMBR2080CTG
LMBR20150CTG
0.95
(Rated dc Voltage, T = 125°C − MBR2060CT only)
50.0
1.0
20.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com