Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD4538BCWM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # CD4538BCWM
Description  Dual Precision Monostable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4538BCWM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  CD4538BCWM Datasheet HTML 1Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 2Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 3Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 4Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 5Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 6Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 7Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 8Page - Fairchild Semiconductor CD4538BCWM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS006000.prf
www.fairchildsemi.com
CD4538BC
Dual Precision Monostable
General Description
The CD4538BC is a dual, precision monostable multivibra-
tor with independent trigger and reset controls. The device
is retriggerable and resettable, and the control inputs are
internally latched. Two trigger inputs are provided to allow
either rising or falling edge triggering. The reset inputs are
active LOW and prevent triggering while active. Precise
control of output pulse-width has been achieved using lin-
ear CMOS techniques. The pulse duration and accuracy
are determined by external components RX and CX. The
device does not allow the timing capacitor to discharge
through the timing pin on power-down condition. For this
reason, no external protection resistor is required in series
with the timing pin. Input protection from static discharge is
provided on all pins.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VCC (typ.)
s Low power TTL compatibility: Fan out of 2 driving 74L
or 1 driving 74LS
s New formula: PWOUT = RC (PW in seconds, R in Ohms,
C in Farads)
s
±1.0% pulse-width variation from part to part (typ.)
s Wide pulse-width range: 1
µs to ∞
s Separate latched reset inputs
s Symmetrical output sink and source capability
s Low standby current: 5 nA (typ.) @ 5 VDC
s Pin compatible to CD4528BC
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP and SOIC
Top View
Truth Table
H
= HIGH Level
L
= LOW Level
↑ = Transition from LOW-to-HIGH
↓ = Transition from HIGH-to-LOW
= One HIGH Level Pulse
= One LOW Level Pulse
X
= Irrelevant
Order Number
Package Number
Package Description
CD4538BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
CD4538BCWM
M16B
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
CD4538BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Inputs
Outputs
Clear
A
B
Q
Q
LX
X
L
H
XH
X
L
H
XX
L
L
H
HL
↓
H
↑
H


Similar Part No. - CD4538BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4538BCWM FAIRCHILD-CD4538BCWM Datasheet
139Kb / 11P
Dual Precision Monostable
More results

Similar Description - CD4538BCWM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
Dual precision monostable multivibrator
January 1995
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
Dual precision monostable multivibrator
logo
National Semiconductor ...
CD4538BC NSC-CD4538BC Datasheet
237Kb / 10P
Dual Precision Monostable
logo
NXP Semiconductors
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
Dual precision monostable multivibrator
January 1995
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC_02 Datasheet
139Kb / 11P
Dual Precision Monostable
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
Dual precision monostable multivibrator
Rev. 6-15 November 2011
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
Nexperia B.V. All right...
HEF4538B-Q100 NEXPERIA-HEF4538B-Q100 Datasheet
235Kb / 14P
Dual precision monostable multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com