Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8672ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8672ARMZ
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8672ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8672ARMZ Datasheet HTML 1Page - Analog Devices AD8672ARMZ Datasheet HTML 2Page - Analog Devices AD8672ARMZ Datasheet HTML 3Page - Analog Devices AD8672ARMZ Datasheet HTML 4Page - Analog Devices AD8672ARMZ Datasheet HTML 5Page - Analog Devices AD8672ARMZ Datasheet HTML 6Page - Analog Devices AD8672ARMZ Datasheet HTML 7Page - Analog Devices AD8672ARMZ Datasheet HTML 8Page - Analog Devices AD8672ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8671/AD8672/AD8674
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.1
Parameter
Rating
Supply Voltage
36 V
Input Voltage
VS– to VS+
Differential Input Voltage
±0.7 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
All Packages
–65°C to +150°C
Operating Temperature Range
8-Lead Packages
–40°C to +125°C
14-Lead Packages
–40°C to +85°C
Junction Temperature Range
All Packages
–65°C to +150°C
Lead Temperature Range (Soldering, 60 sec)
300°C
1
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
See the Applications section for a related discussion on power.
Table 5. Package Characteristics
Package Type
θJA1
θJC
Unit
8-Lead MSOP (RM)
142
44
°C/W
8-Lead SOIC_N (R)
120
43
°C/W
14-Lead SOIC_N (R)
90
36
°C/W
14-Lead TSSOP (RU)
112
35
°C/W
1
θJA is specified for the worst-case conditions, that is., θJA is specified for the
device soldered on a 4-layer circuit board for surface-mount packages.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com