Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZPSD301-B-70U Datasheet(PDF) 4 Page - STMicroelectronics

Part # ZPSD301-B-70U
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70U Datasheet(HTML) 4 Page - STMicroelectronics

  ZPSD301-B-70U Datasheet HTML 1Page - STMicroelectronics ZPSD301-B-70U Datasheet HTML 2Page - STMicroelectronics ZPSD301-B-70U Datasheet HTML 3Page - STMicroelectronics ZPSD301-B-70U Datasheet HTML 4Page - STMicroelectronics ZPSD301-B-70U Datasheet HTML 5Page - STMicroelectronics ZPSD301-B-70U Datasheet HTML 6Page - STMicroelectronics ZPSD301-B-70U Datasheet HTML 7Page - STMicroelectronics ZPSD301-B-70U Datasheet HTML 8Page - STMicroelectronics ZPSD301-B-70U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
1
1.0
Introduction
Programmable Peripheral
PSD3XX Family
Field-Programmable Microcontroller Peripheral
The low cost PSD3XX family integrates high-performance and user-configurable blocks of
EPROM, programmable logic, and optional SRAM into one part. The PSD3XX products
also provide a powerful microcontroller interface that eliminates the need for external
“glue logic”. The part’s integration, small form factor, low power consumption, and ease of
use make it the ideal part for interfacing to virtually any microcontroller.
The major functional blocks of the PSD3XX include:
• Two programmable logic arrays
• 256Kb to 1 Mb of EPROM
• Optional 16 Kb SRAM
• Input latches
• Programmable I/O ports
• Page logic
• Programmable security.
The PSD3XX family architecture (Figure 1) can efficiently interface with, and enhance,
almost any 8- or 16-bit microcontroller system. This solution provides microcontrollers the
following:
• Chip-select logic, control logic, and latched address signals that are otherwise
implemented discretely
• Port expansion (reconstructs lost microcontroller I/O)
• Expanded microcontroller address space (up to 16 times)
• An EPROM (with security) and optional SRAM
• Compatible with 8031-type architectures that use separate Program and Data Space
• Interface to shared external resources.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com