Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP125ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP125ACPZ-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP125ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP125ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP124/ADP125
Data Sheet
Rev. C | Page 10 of 20
M40.0µs A CH1
200mA
1
2
T
9.800%
VIN = 4V
VOUT = 3.3V
VOUT
IOUT
1mA TO 500mA LOAD STEP
CH1
500mA Ω B
W
CH2 50.0mV
B
W
Figure 25. Load Transient Response, COUT = 4.7 μF
M10.0µs
A CH3
2.36V
2
1
T
9.600%
VOUT
4V TO 4.5V VOLTAGE STEP
CH1 1.00V B
W
CH2 2.00mV
B
W
VIN
Figure 26. Line Transient Response, Load Current = 1 mA
M10.0µs A CH3
200mA
2
1
T
9.800%
VOUT
VIN
4V TO 4.5V VOLTAGE STEP
CH1 1.00V B
W
CH2 2.00mV
B
W
Figure 27. Line Transient Response, Load Current = 500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com