Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5607BF1MLU6 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # SPC5607BF1MLU6
Description  Microcontroller Data Sheet
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5607BF1MLU6 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button SPC5607BF1MLU6 Datasheet HTML 35Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 41Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 42Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
39
4.5
Thermal characteristics
4.5.1
External ballast resistor recommendations
External ballast resistor on VDD_BV pin helps in reducing the overall power dissipation inside the device. This resistor is
required only when maximum power consumption exceeds the limit imposed by package thermal characteristics.
As stated in Table 14 LQFP thermal characteristics, considering a thermal resistance of 144 LQFP as 48.3 °C/W, at ambient
temperature TA = 125 °C, the junction temperature Tj will cross 150 °C if the total power dissipation is greater than
(150 – 125)/48.3 = 517 mW. Therefore, the total device current IDDMAX at 125 °C/5.5 V must not exceed 94.1 mA (i.e.,
PD/VDD). Assuming an average IDD(VDD_HV) of 15–20 mA consumption typically during device RUN mode, the LV domain
consumption IDD(VDD_BV) is thus limited to IDDMAX –IDD(VDD_HV), i.e., 80 mA.
Therefore, respecting the maximum power allowed as explained in Section 4.5.2, “Package thermal characteristics, it is
recommended to use this resistor only in the 125 °C/5.5 V operating corner as per the following guidelines:
•If IDD(VDD_BV) < 80 mA, then no resistor is required.
•If 80 mA < IDD(VDD_BV) < 90 mA, then 4  resistor can be used.
•If IDD(VDD_BV) > 90 mA, then 8  resistor can be used.
Using resistance in the range of 4–8
, the gain will be around 10–20% of total consumption on VDD_BV. For example, if 8 
resistor is used, then power consumption when IDD(VDD_BV) is 110 mA is equivalent to power consumption when
IDD(VDD_BV) is 90 mA (approximately) when resistor not used.
In order to ensure correct power up, the minimum VDD_BV to be guaranteed is 30 ms/V. If the supply ramp is slower than this
value, then LVDHV3B monitoring ballast supply VDD_BV pin gets triggered leading to device reset. Until the supply reaches
certain threshold, this low voltage detector (LVD) generates destructive reset event in the system. This threshold depends on
the maximum IDD(VDD_BV) possible across the external resistor.
4.5.2
Package thermal characteristics
Table 14. LQFP thermal characteristics1
Symbol
C
Parameter
Conditions2
Pin count
Value
Unit
Min Typ Max
RJA CC D Thermal resistance,
junction-to-ambient natural
convection3
Single-layer board — 1s
100
—
—
64
°C/W
144
—
—
64
176
—
—
64
Four-layer board — 2s2p
100
—
—
49.7
144
—
—
48.3
176
—
—
47.3
RJB CC
Thermal resistance,
junction-to-board4
Single-layer board — 1s
100
—
—
36
°C/W
144
—
—
38
176
—
—
38
Four-layer board — 2s2p
100
—
—
33.6
144
—
—
33.4
176
—
—
33.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com