Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM3993P Datasheet(PDF) 3 Page - Analog Power

Part # AM3993P
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3993P Datasheet(HTML) 3 Page - Analog Power

  AM3993P Datasheet HTML 1Page - Analog Power AM3993P Datasheet HTML 2Page - Analog Power AM3993P Datasheet HTML 3Page - Analog Power AM3993P Datasheet HTML 4Page - Analog Power AM3993P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AM3993P
Analog Power
February, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM3993_B
Typical Electrical Characteristics (P-Channel)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Junction Temperature
Gate Charge
Capacitance
On-Resistance vs. Drain Current
0
1
2
3
4
5
00.511.5
2
2.5
VDS - Drain-to-Source Voltage (V)
VGS=-10V
-4.5V
-3.0V
0
1
2
3
4
5
1.5
2
2.5
3
3.5
4
VGS - Gate-to-Source Voltage (V)
TA = -55
oC
25
oC
125
oC
0.5
1.0
1.5
2.0
2.5
01
2345
ID - Drain Current (A)
-10V
-4.5V
0
50
100
150
200
250
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
CISS
COSS
CRSS
-10
-8
-6
-4
-2
0
0246
8
10
12
Qg - Total Gate Charge (nC)
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (
o
C)
VGS = -10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com