Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4871MM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4871MM/NOPB
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871MM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4871MM/NOPB Datasheet HTML 3Page - Texas Instruments LM4871MM/NOPB Datasheet HTML 4Page - Texas Instruments LM4871MM/NOPB Datasheet HTML 5Page - Texas Instruments LM4871MM/NOPB Datasheet HTML 6Page - Texas Instruments LM4871MM/NOPB Datasheet HTML 7Page - Texas Instruments LM4871MM/NOPB Datasheet HTML 8Page - Texas Instruments LM4871MM/NOPB Datasheet HTML 9Page - Texas Instruments LM4871MM/NOPB Datasheet HTML 10Page - Texas Instruments LM4871MM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LM4871
www.ti.com
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
Typical Performance Characteristics
Non-NGN Specific Characteristics (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
Figure 16.
Figure 17.
Output Power vs Supply Voltage
Output Power vs Load Resistance
Figure 18.
Figure 19.
Power Dissipation vs Output Power
Power Derating Curve
Figure 20.
Figure 21.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com