Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM4409P Datasheet(PDF) 3 Page - Analog Power

Part # AM4409P
Description  P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4409P Datasheet(HTML) 3 Page - Analog Power

  AM4409P Datasheet HTML 1Page - Analog Power AM4409P Datasheet HTML 2Page - Analog Power AM4409P Datasheet HTML 3Page - Analog Power AM4409P Datasheet HTML 4Page - Analog Power AM4409P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AM4409P
Analog Power
November, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM4409_F
Typical Electrical Characteristics
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 6. On-Resistance vs. Junction Temperature
Figure 5. Gate Charge
Figure 4. Capacitance
Figure 3. On Resistance vs. Drain Current
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
3.5
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4.5V
-2.5V
-2.0V
-1.5V
-3.0V
0
10
20
30
40
50
0.51
1.52
2.53
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
1020
304050
-ID, DRAIN CURRENT (A)
VGS = - 2.0V
-4.5V
-2.5V
0
800
1600
2400
3200
4000
0
5
10
15
20
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = -10.2A
VGS = - 4.5V
0
1
2
3
4
5
0
6
1 2
18
24
3 0
Q
g , GA T E C H A R GE (n C )
I
D = - 8 A
V
DS =
-1 0V
-1 5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com