Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMP100MC Datasheet(PDF) 9 Page - STMicroelectronics

Part # SMP100MC
Description  Trisil??for telecom equipment protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SMP100MC_05 Datasheet HTML 5Page - STMicroelectronics SMP100MC_05 Datasheet HTML 6Page - STMicroelectronics SMP100MC_05 Datasheet HTML 7Page - STMicroelectronics SMP100MC_05 Datasheet HTML 8Page - STMicroelectronics SMP100MC_05 Datasheet HTML 9Page - STMicroelectronics SMP100MC_05 Datasheet HTML 10Page - STMicroelectronics SMP100MC_05 Datasheet HTML 11Page - STMicroelectronics SMP100MC_05 Datasheet HTML 12Page - STMicroelectronics SMP100MC_05 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SMP100MC
Application information
Doc ID 9699 Rev 5
9/13
Figure 16.
Test circuit 1 for Dynamic IBO and VBO parameters
Figure 17.
Test circuit 2 for IBO and VBO parameters
100 V / µs, di /dt < 10 A / µs, Ipp = 100 A
1 kV / µs, di /dt < 10 A / µs, Ipp = 10 A
U
U
10 µF
2
Ω
45
Ω
66
Ω
470
Ω
83
Ω
0.36 nF
46 µH
60 µF
26 µH
12
Ω
250
Ω
46 µH
47
Ω
KeyTek 'System 2' generator with PN246I module
KeyTek 'System 2' generator with PN246I module
220V 50Hz
1/4
R1 = 140
W
R2 = 240
W
K
ton = 20ms
IBO
measurement
VBO
measurement
Vout
DUT
TEST PROCEDURE
Pulse test duration (tp = 20ms):
V
selection:
for Bidirectional devices = Switch K is closed
for Unidirectional devices = Switch K is open
Device with V
< 200 V
V
= 250 V
, R1 = 140
OUT
BO
OUT
RMS
W
Device with V
200 V
V
= 480 V
, R2 = 240
BO
OUT
RMS
³W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com