Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX320F032H Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC32MX320F032H
Description  High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX320F032H Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC32MX320F032H Datasheet HTML 17Page - Microchip Technology PIC32MX320F032H Datasheet HTML 18Page - Microchip Technology PIC32MX320F032H Datasheet HTML 19Page - Microchip Technology PIC32MX320F032H Datasheet HTML 20Page - Microchip Technology PIC32MX320F032H Datasheet HTML 21Page - Microchip Technology PIC32MX320F032H Datasheet HTML 22Page - Microchip Technology PIC32MX320F032H Datasheet HTML 23Page - Microchip Technology PIC32MX320F032H Datasheet HTML 24Page - Microchip Technology PIC32MX320F032H Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 214 page
background image
© 2011 Microchip Technology Inc.
DS61143H-page 21
PIC32MX3XX/4XX
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the PIC32MX3XX/4XX devices.
Figure 1-1 illustrates a general block diagram of the core
and peripheral modules in the PIC32MX3XX/4XX family
of devices.
Table 1-1 lists the functions of the various pins shown
in the pinout diagrams.
FIGURE 1-1:
BLOCK DIAGRAM(1,2)
Note 1: This data sheet summarizes the features
of
the
PIC32MX3XX/4XX
family
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet,
refer
to
the
“PIC32
Family
Reference Manual”, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2: Some registers and associated bits
described in this section may not be
available
on
all
devices.
Refer
to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note
1:
Some features are not available on all device variants.
2:
BOR functionality is provided when the on-board voltage regulator is enabled.
UART1,2
Comparators
PORTA
PORTD
PORTE
PORTF
PORTG
PORTB
CN1-22
JTAG
Priority
DMAC
ICD
MIPS32® M4K® CPU Core
IS
DS
EJTAG
INT
Bus Matrix
Prefetch
Data RAM
Peripheral Bridge
128
128-bit wide
Flash
32
32
32
32
32
Program Flash Memory
Controller
32
Module
32
32
Interrupt
Controller
BSCAN
PORTC
PMP
I2C1,2
SPI1,2
IC1-5
PWM
OC1-5
OSC1/CLKI
OSC2/CLKO
VDD,
Timing
Generation
VSS
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset
Precision
Reference
Band Gap
FRC/LPRC
Oscillators
Regulator
Voltage
VCORE/VCAP
ENVREG
OSC/SOSC
Oscillators
PLL
DIVIDERS
SYSCLK
PBCLK
Peripheral Bus Clocked by SYSCLK
USB
PLL-USB
USBCLK
32
RTCC
10-bit ADC
Timer1-5
32
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com