Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2111 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2111
Description  600mA CMOS LDO REGULATOR WITH ENABLE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2111 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2111_12 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2111_12 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2111_12 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2111_12 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2111_12 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2111_12 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2111_12 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2111_12 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2111_12 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111
May 2012 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
13
Typical Performance Characteristics (Continued)
1.01.5
2.02.5
3.03.5
4.04.5
5.05.5
6.0
0
10
20
30
40
50
60
70
T
A
=-40
oC
T
A
=25
oC
T
A
=85
oC
No Load
Input Voltage (V)
-40
-20
0
20
406080
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
Temperature (
oC)
I
OUT
=10mA
I
OUT
=100mA
I
OUT
=300mA
I
OUT
=600mA
V
IN
=4.3V
C
IN
=1μF
C
OUT
=1μF
-40
-20
0
20
40
60
80
1.200
1.202
1.204
1.206
1.208
1.210
I
OUT=300mA
I
OUT=600mA
I
OUT=10mA
I
OUT=100mA
V
IN
=2.5V
C
IN
=1μF
C
OUT
=1μF
Temperature (
oC)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
V
IN
=2.5V
Output Current (A)
T
A
= -40
oC
T
A
=25
oC
T
A
=85
oC
Figure 11. Output Voltage vs. Temperature
Figure 12. Output Voltage vs. Output Current
Figure 9. Quiescent Current vs. Input Voltage
Figure 10. Output Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com