Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2502 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2502
Description  4-CH Linear Constant Current Sink With Matching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2502 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2502 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2502 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
4-CH Linear Constant Current Sink With Matching
AP2502
Oct. 2010
Rev 1. 1
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2502
-
Circuit Type
G1: Green
Package
TR: Tape & Reel
K: SOT-23-6
KT: TSOT-23-6
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
SOT-23-6
-40 to 85
°C
AP2502KTR-G1
GEE
Tape & Reel
TSOT-23-6
-40 to 85
°C
AP2502KTTR-G1
L7E
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and Green.
Absolute Maximum Ratings (Note 1)
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Enable Input Voltage
VEN
-0.3 to 6.5
V
Thermal Resistance (Junction to Ambient)
θ
JA
250
ºC/W
Operating Junction Temperature Range
TJ
150
ºC
Storage Temperature Range
TSTG
-65 to 150
ºC
Lead Temperature (Soldering,10 seconds)
TLEAD
260
ºC
ESD (Machine Model)
600
V
ESD (Human Body Model)
6000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com