Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AZ1085C Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085C
Description  3A LOW DROPOUT LINEAR REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085C Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1085C Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085C Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085C Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085C Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085C Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1085C Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1085C Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1085C Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ1085C Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085C
Data Sheet
9
Jan. 2013 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Line Regulation vs. Junction Temperature
Figure 6. Dropout Voltage vs. Junction Temperature
0
25
50
75
100
125
1.00
1.05
1.10
1.15
1.20
Junction Temperature (
oC)
0
25
50
75
100
125
-1
0
1
2
3
4
5
Junction Temperature (
oC)
0
25
50
75
100
125
-5
-4
-3
-2
-1
0
1
2
3
4
5
Junction Temperature (
oC)
Figure 5. Load Regulation vs. Junction Temperature
025
50
75
100
125
2.47
2.48
2.49
2.50
2.51
2.52
2.53
Junction Temperature (
oC)
Figure 7. Output Voltage vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com