Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD103BWS Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SD103BWS
Description  SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SD103BWS Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SD103BWS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SD103BWS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD103AWS -SD103CWS
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Marking: SD103AWS:S4, SD103BWS:S5, SD103CWS:S6
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
40
SD103AWS
350
1.5
200
300
-65 to +125
Low forward voltage drop
Guard ring construction for transient protection
Negligible reverse recovery time
low reverse capacitance
Maximum ratings and electrical characteristics, Single diode @TA=25
VOLTS
SYMBOLS
UNITS
VRRM
VRMS
VDC
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Blocking voltage
RMS Reverse voltage
Forward continuous current
Repetitive peak forward current @t
1.0s
Power dissipation
Thermal resistance junction to ambient
Storage temperature
RΘJA
TSTG
V
mA
A
mW
/W
SD103BWS
SD103CWS
30
20
28
21
14
VR(RMS)
IFM
IFRM
Pd
Electrical ratings @TA=25
SYMBOLS
Conditions
V(BR)R
VF
IRM
CT
trr
Reverse breakdown voltage
SD103AWS
SD103BWS
SD103CWS
Fowrard voltage
Reverse current
SD103AWS
SD103BWS
SD103CWS
Capacitance between terminals
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
40
30
20
0.37
0.60
5.0
50
10
V
V
uA
pF
ns
IR=10uA
IR=10uA
IR=10uA
IF=20mA
IF=200mA
VR=30V
VR=20V
VR=10V
VR=0V,f=1.0MHz
IF=IR=200mA
Irr=0.1XIR,RL=100
SOD-323
1.35(0.053)
1.15(0.045)
1.00(.040)
0.80(.031)
.08(.003)
MIN
.177(.007)
.089(.003)
0.4(0.016)
.25(0.010)
1.26(.050)
1.24(.048)
.305(0.012)
.295(0.010)
0.1(0.004)
MIN
.72(0.028)
.69(0.027)
1.80(0.071)
1.60(0.063)
2.75(0.108)
2.30(0.091)
1.80(0.071)
1.60(0.063)
2.75(0.108)
2.30(0.091)
Dimensions in millimeters and (inches)
SCHOTTKY DIODES
MDD ELECTRONIC


Similar Part No. - SD103BWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103BWS PANJIT-SD103BWS Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
SD103BWS DIODES-SD103BWS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
General Semiconductor
SD103BWS GE-SD103BWS Datasheet
130Kb / 3P
SCHOTTKY DIODES
logo
Weitron Technology
SD103BWS WEITRON-SD103BWS Datasheet
73Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Won-Top Electronics
SD103BWS WTE-SD103BWS Datasheet
46Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103BWS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com