Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPB56374AFC Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # DSPB56374AFC
Description  Freescale Semiconductor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56374AFC Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button DSPB56374AFC Datasheet HTML 23Page - Freescale Semiconductor, Inc DSPB56374AFC Datasheet HTML 24Page - Freescale Semiconductor, Inc DSPB56374AFC Datasheet HTML 25Page - Freescale Semiconductor, Inc DSPB56374AFC Datasheet HTML 26Page - Freescale Semiconductor, Inc DSPB56374AFC Datasheet HTML 27Page - Freescale Semiconductor, Inc DSPB56374AFC Datasheet HTML 28Page - Freescale Semiconductor, Inc DSPB56374AFC Datasheet HTML 29Page - Freescale Semiconductor, Inc DSPB56374AFC Datasheet HTML 30Page - Freescale Semiconductor, Inc DSPB56374AFC Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Thermal Characteristics
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
27
To prevent a high current condition upon power up, the IO_VDD must be applied ahead of the Core_VDD
as shown below if the external Schottky is not used.
For correct operation of the internal power on reset logic, the Core_VDD ramp rate (Tr) to full supply must
be less than 10 ms. This is shown below.
7
Thermal Characteristics
Table 16. Thermal Characteristics
Characteristic
Symbol
LQFP Values
Unit
Natural Convection, Junction-to-ambient thermal
resistance1,2
RθJA or θJA
68 (52 LQFP)
50 (80 LQFP)
°C/W
Junction-to-case thermal resistance3
RθJC or θJC
17 (52 LQFP)
11 (80 LQFP)
°C/W
Note:
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance,
mounting site (board) temperature, ambient temperature, air flow, power dissipation of other components
on the board, and board thermal resistance.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3 Thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1).
IO_VDD
Core_VDD
External
Schottky
Diode
Core_VDD
IO_VDD
Core_VDD
Tr
0 V
1.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com