Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DBMM-9W4P Datasheet(PDF) 13 Page - ITT Industries

Part # DBMM-9W4P
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM-9W4P Datasheet(HTML) 13 Page - ITT Industries

Back Button DBMM-9W4P Datasheet HTML 9Page - ITT Industries DBMM-9W4P Datasheet HTML 10Page - ITT Industries DBMM-9W4P Datasheet HTML 11Page - ITT Industries DBMM-9W4P Datasheet HTML 12Page - ITT Industries DBMM-9W4P Datasheet HTML 13Page - ITT Industries DBMM-9W4P Datasheet HTML 14Page - ITT Industries DBMM-9W4P Datasheet HTML 15Page - ITT Industries DBMM-9W4P Datasheet HTML 16Page - ITT Industries DBMM-9W4P Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
13
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
European Coax 90° PCB Plug DE-DC
Coaxial 90° PCB Plug, sizes DE – DC, with bracket
75 Ohm part numbers with bracket and captive nut M3
75 Ohm part numbers with bracket with
75 Ohm part number with bracket with post M3
bushing dia. 3,05
Shell Layout
Plastic
Metal
Plastic
Metal
Plastic
Metal
size
Bracket
Bracket
Bracket
Bracket
Bracket
Bracket
DE
2W2
DEM-2C2P-1ATN-A191-K87
DEM02C2P-1A9N-A191-K87
DEM-2C2P-1A5N-A191-K87
DEM-2C2P-1AFN-A191-K87
DEM-2C2P-APN-A191-K87
DEM-2C2P-1AHN-A191-K87
DE
2WK2
DEM-2CK2P-1ATN-A191-K87
DEM02CK2P-1A9N-A191-K87
DEM-2CK2P-1A5N-A191-K87
DEM-2CK2P-1AFN-A191-K87
DEM-2CK2P-APN-A191-K87
DEM-2CK2P-1AHN-A191-K87
DE
5W1
DEM-5C1P-1ATN-A191- K87
DEM-5C1P-1A9N-A191-K87
DEM-5C1P-1A5N-A191-K87
DEM-5C1P-1AFN-A191-K87
DEM-5C1P-APN-A191-K87
DEM-5C1P-1AHN-A191-K87
DA
7W2
DAM-7C2P-1ATN-A191-K87
DAM-7C2P-1A9N-A191-K87
DAM-7C2P-1A5N-A191-K87
DAM-7C2P-1AFN-A191-K87
DAM-7C2P-1APN-A191-K87
DAM-7C2P-1AHN-A191-K87
DA
11W1
DAM-11C1P-1ATN-A191-K87
DAM-11C1P-1A9N-A191-K87
DAM-11C1P-1A5N-A191-K87
DAM-11C1P-1AFN-A191-K87
DAM-11C1P-1APN-A191-K87
DAM-11C1P-1AHN-A191-K87
DA
3W3
DAM-3C3P-1ATN-A191-K87
DAM-3C3P-1A9N-A191-K87
DAM-3C3P-1A5N-A191-K87
DAM-3C3P-1AFN-A191-K87
DAM-3C3P-1APN-A191-K87
DAM-3C3P-1AHN-A191-K87
DA
3WK3
DAM-3CK3P-1ATN-A191-K87 DAM-3CK3P-1A9N-A191-K87
DAM-3CK3P-1A5N-A191-K87
DAM-3CK3P-1AFN-A191-K87
DAM-3CK3P-1APN-A191-K87
DAM-3CK3P-1AHN-A191-K87
DB
5W5
DBM-5C5P-1ATN-A191-K87
DBM-5C5P-1A9N-A191-K87
DBM-5C5P-1A5N-A191-K87
DBM-5C5P-1AFN-A191-K87
DBM-5C5P-1APN-A191-K87
DBM-5C5P-1AHN-A191-K87
DB
9W4
DBM-9C4P-1ATN-A191-K87
DBM-9C4P-1A9N-A191-K87
DBM-9C4P-1A5N-A191-K87
DBM-9C4P-1AFN-A191-K87
DBM-9C4P-1APN-A191-K87
DBM-9C4P-1AHN-A191-K87
DB
13W3
DBM-13C3P-1ATN-A191-K87
DBM-13C3P-1A9N-A191-K87
DBM-13C3P-1A5N-A191-K87
DBM-13C3P-1AFN-A191-K87
DBM-13C3P-1APN-A191-K87
DBM-13C3P-1AHN-A191-K87
DB
17W2
DBM-17C2P-1ATN-A191-K87
DBM-17C2P-1A9N-A191-K87
DBM-17C2P-1A5N-A191-K87
DBM-17C2P-1AFN-A191-K87
DBM-17C2P-1APN-A191-K87
DBM-17C2P-1AHN-A191-K87
DB
21W1
DBM-21C1P-1ATN-A191-K87
DBM-21C1P-1A9N-A191-K87
DBM-21C1P-1A5N-A191-K87
DBM-21C1P-1AFN-A191-K87
DBM-21C1P-1APN-A191-K87
DBM-21C1P-1AHN-A191-K87
DC
8W8
DCM-8C8P-1ATN-A191-K87
DCM-8C8P-1A9N-A191-K87
DCM-8C8P-1A5N-A191-K87
DCM-8C8P-1AFN-A191-K87
DCM-8C8P-1APN-A191-K87
DCM-8C8P-1AHN-A191-K87
DC
13W6
DCM-13C6P-1ATN-A191-K87
DCM-13C6P-1A9N-A191-K87
DCM-13C6P-1A5N-A191-K87
DCM-13C6P-1AFN-A191-K87
DCM-13C6P-1APN-A191-K87
DCM-13C6P-1AHN-A191-K87
DC
17W5
DCM-17C5P-1ATN-A191-K87
DCM-17C5P-1A9N-A191-K87
DCM-17C5P-1A5N-A191-K87
DCM-17C5P-1AFN-A191-K87
DCM-17C5P-1APN-A191-K87
DCM-17C5P-1AHN-A191-K87
DC
21WA4
DCM-21CA4P-1ATN-A191-K87 DCM-21CA4P-1A9N-A191-K87 DCM-21CA4P-1A5N-A191-K87 DCM-21CA4P-1AFN-A191-K87 DCM-21CA4P-1APN-A191-K87 DCM-21CA4P-1AHN-A191-K87
DC
25W3
DCM-25C3P-1ATN-A191-K87
DCM-25C3P-1A9N-A191-K87
DCM-25C3P-1A5N-A191-K87
DCM-25C3P-1AFN-A191-K87
DCM-25C3P-1APN-A191-K87
DCM-25C3P-1AHN-A191-K87
DC
27W2
DCM-27C2P-1ATN-A191-K87
DCM-27C2P-1A9N-A191-K87
DCM-27C2P-1A5N-A191-K87
DCM-27C2P-1AFN-A191-K87
DCM-27C2P-1APN-A191-K87
DCM-27C2P-1AHN-A191-K87
For performance class 1 replaceA191 withA190.
For 50 ohm coaxial replace C with X, Example:
For pushfit add -146 modifier.
For performance class 3 deleteA191.
DCM-13C6P-1AFN-A191-K87-146 becomes
For pushfit 90° pcb hole diameter 3,2 replace 146
DCM-13X6P-1AFN-A191-K87-146.
with 162.
Dimensions
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,25 (.010)
± 0,38 (.015)
DE
30,8 (1.213)
16,9 (.665)
25,0 (.984)
8,35(.329)
12,55(.494)
10,7 (.421)
6.7 (.264)
0,8 (.031)
DA
39,15(1.541)
25,5 (.994)
33,33 (1.311)
8,35(.329)
12,55(.494)
10,7 (.421)
6.7 (.264)
0,8 (.031)
DB
53,05(2.089)
38,95(1.533)
47,05 (1.852)
8,35(.329)
12,55(.494)
10,8 (.425)
6.8 (.268)
0,9 (.035)
DC
69,3 (2.728)
55,4 (2.181)
63,5 (2.5)
8,35(.329)
12,55(.494)
10,8 (.425)
6.8 (.268)
0,9 (.035)
Plug
•Forcontactcavityarrangements,see
page 61.
•Forpcbholepattern,seepages72-73.
•Formountingmethods,seepages
59-60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com