Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS1500-FGG484 Datasheet(PDF) 55 Page - Microsemi Corporation

Part # AFS1500-FGG484
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS1500-FGG484 Datasheet(HTML) 55 Page - Microsemi Corporation

Back Button AFS1500-FGG484 Datasheet HTML 51Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 52Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 53Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 54Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 55Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 56Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 57Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 58Page - Microsemi Corporation AFS1500-FGG484 Datasheet HTML 59Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-39
When TRST is 1 or PUB is 0, the 1.5 V voltage regulator is always ON, putting the Fusion device in
normal operation at all times. Therefore, when the JTAG port is not in reset, the Fusion device cannot
enter sleep mode or standby mode.
To enter standby mode, the Fusion device must first power-up into normal operation. The RTC is enabled
through the RTC Control/Status Register described in the "Real-Time Counter (part of AB macro)"
section on page 2-35. A match value corresponding to the wake-up time is loaded into the Match
Register. The 1.5 V voltage regulator is disabled by setting VRPU to 0 to allow the Fusion device to enter
standby mode, when the 1.5 V supply is off but the RTC remains on.
Note: * To enter and exit standby mode without any external stimulus on PUB or TRST, the vr_en_mat in the
CTRL_STAT register must also be set to 1, so that RTCPSMMATCH will assert when a match occurs; hence the
device exits standby mode.
Figure 2-31 • State Diagram for All Different Power Modes
Normal Operation
3.3 V on,
VREN Enable
Standby Mode
3.3 V On,
RTC Enabled
VREN Disabled
OFF State
3.3 V Off,
PUB Pull-Up,
TRST Pull-Down,
VREN Disabled
VRPU = 0
And PUB = 1
And TRST = 0
PUB = 0
or TRST = 1
VRPU = 0
And PUB = 1
And TRST = 0
And *RTC: CTRL_STAT:
xtal_en = 1
*RTCPSMMATCH = 1
Or PUB = 0
Or TRST = 1
Sleep Mode
3.3 V On,
VREN Disabled
3.3 V ON, 1.5 V ON (VR on)
3.3 V OFF
3.3 V ON
3.3 V Power Supply ON/OFF
VINITSTATE = 0
And PUB = 1
And TRST = 0
VRINITSTATE = 1
or PUB = 0
or TRST = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com