Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRT2-TS04P Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # DRT2-TS04P
Description  Remote I/O Terminals with Transistors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DRT2-TS04P Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button DRT2-TS04P Datasheet HTML 10Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 11Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 12Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 13Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 14Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 15Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 16Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 17Page - Omron Electronics LLC DRT2-TS04P Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
DRT2-Series Smart Slave
17
Wiring Diagrams
Remote I/O Terminals with Transistors
DRT2-MD16 (NPN)
DRT2-MD16-1 (PNP)
DRT2-ID08 (NPN)
DRT2-ID08-1 (PNP)
DRT2-OD08 (NPN)
DRT2-OD08-1 (PNP)
43.9
26.6
24.3
175
60
Two 5.3 dia.
or M5 holes
27.3
1
0
9
1
0
9
165
±0.2
DRT2-ID08CL(-1)
DRT2-OD08CL(-1)
DRT2-HD16CL(-1)
DRT2-WD16CL(-1)
DRT2-MD16CL(-1)
Mounting hole dimensions
V1
1
3
5
7
V2
G1
0
2
4
6
G2
24 VDC
I/O power supply
Two-wire sensor
(Limit switch, etc.)
+
1
3
7
5
NC
0
2
4
6
NC
I/O power supply
Solenoid,etc.
+
Valve, etc.
Three-wire sensor with
NPN output
(e.g., photoelectric sensor
or proximity sensor)
V1
1
3
5
7
V2
G1
0
2
4
6
G2
24 VDC
1
3
7
5
0
2
4
6
NC
NC
I/O power supply
Solenoid,etc.
Valve,etc.
I/O power supply
Two-wire sensor
(Limit switch, etc.)
Three-wire sensor with
PNP output
(e.g., photoelectric sensor
or proximity sensor)
+
+
V
1
3
5
7
G
0
2
4
6
24 VDC
NC
NC
NC
NC
NC
NC
NC
NC
I/O power supply
+
Two-wire sensor
(Limit switch, etc.)
Three-wire sensor with
NPN output
(e.g., photoelectric sensor
or proximity sensor)
V
1
3
5
7
G
0
2
4
6
24 VDC
NC
NC
NC
NC
NC
NC
NC
NC
I/O power supply
Two-wire sensor
(Limit switch, etc.)
Three-wire sensor with
PNP output
(e.g., photoelectric sensor
or proximity sensor)
+
V
1
3
5
7
G
0
2
4
6
24VDC
NC
NC
NC
NC
NC
NC
NC
NC
Solenoid,etc.
Valve,etc.
I/O power supply
+
V
1
3
5
7
G
0
2
4
6
24 VDC
NC
NC
NC
NC
NC
NC
NC
NC
Solenoid,etc.
Valve,etc.
I/O power supply
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com