Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPS4124 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS4124
Description  Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS4124 Datasheet(HTML) 2 Page - Motorola, Inc

  MPS4124 Datasheet HTML 1Page - Motorola, Inc MPS4124 Datasheet HTML 2Page - Motorola, Inc MPS4124 Datasheet HTML 3Page - Motorola, Inc MPS4124 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPS4123 MPS4124
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 2.0 mA, VCE = 1.0 V)
MPS4123
MPS4124
(IC = 50 mA, VCE = 1.0 V)
MPS4123
MPS4124
hFE
50
120
25
60
150
360
—
—
—
Collector – Emitter Saturation Voltage
(IC = 50 mA, IB = 5.0 mA)
VCE(sat)
—
0.3
Vdc
Base – Emitter Saturation Voltage
(IC = 50 mA, IB = 5.0 mA)
VBE(sat)
—
0.95
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
MPS4123
(IC = 10 mA, VCE = 20 V, f = 100 MHz)
MPS4124
fT
100
170
—
—
MHz
Output Capacitance
(VCB = 5.0 V, IE = 0, f = 1.0 MHz)
Cob
—
4.0
pF
Input Capacitance
MPS4123
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
MPS4124
Cib
—
—
14
13.5
pF
Small–Signal Current Gain
MPS4123
(IC = 2.0 mA, VCE = 1.0 V, f = 1.0 kHz)
MPS4124
hfe
50
120
200
480
—
Noise Figure
(IC = 100 mA, VCE = 5.0 V, RS = 1.0 kΩ, f = 1.0 kHz)
MPS4123
MPS4124
NF
—
—
6.0
5.0
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com