Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q64FVZPIP Datasheet(PDF) 71 Page - Winbond

Part # W25Q64FVZPIP
Description  3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64FVZPIP Datasheet(HTML) 71 Page - Winbond

Back Button W25Q64FVZPIP Datasheet HTML 67Page - Winbond W25Q64FVZPIP Datasheet HTML 68Page - Winbond W25Q64FVZPIP Datasheet HTML 69Page - Winbond W25Q64FVZPIP Datasheet HTML 70Page - Winbond W25Q64FVZPIP Datasheet HTML 71Page - Winbond W25Q64FVZPIP Datasheet HTML 72Page - Winbond W25Q64FVZPIP Datasheet HTML 73Page - Winbond W25Q64FVZPIP Datasheet HTML 74Page - Winbond W25Q64FVZPIP Datasheet HTML 75Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
W25Q64FV
Publication Release Date: December 19, 2011
- 71 -
Revision D
/CS
CLK
7.2.42 Disable QPI (FFh)
In order to exit the QPI mode and return to the Standard/Dual/Quad SPI mode, a “Disable QPI (FFh)”
instruction must be issued.
When the device is switched from QPI mode to SPI mode, the exsiting Write Enable Latch (WEL) and
Program/Erase Suspend status, and the Wrap Length setting will remain unchanged.
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
FFh
Instruction
Mode 0
Mode 3
Figure 41. Disable QPI Instruction (QPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com