Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN2POS20 Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # EN2POS20
Description  EN2??SERIES SEALED CONNECTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN2POS20 Datasheet(HTML) 3 Page - Switchcraft, Inc.

  EN2POS20 Datasheet HTML 1Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 2Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 3Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 4Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 5Page - Switchcraft, Inc. EN2POS20 Datasheet HTML 6Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EN2SERIES SEALED CONNECTORS
NEW PRODUC T BULLE TIN 601
Pleasevisitwww.switchcraft.comforthemostup-to-dateproductspecifications.MadeinUSA.
en2SerieS current rating table
Contacts
Wire
(awg)
CurrentRating(A)atOperatingTemperature(˚C)
45˚Cmax
55˚Cmax
65˚Cmax
75˚Cmax
85˚Cmax
2#20
20
7
6
5
4
3.5
22
5.5
5
4
3
2.5
24
5.5
5
4
3
2.5
26
4
3.5
2.5
2
1
3#20
20
6.5
5.5
4.5
3.5
2
22
5
4.5
3.5
3
1.5
24
5
4.5
3.5
3
1.5
26
3
2.5
2
1.5
0.5
4#22
20
5
4.5
3.5
3
1.5
22
4.5
4
3
2
1
24
4.5
4
3
2
1
26
3
2.5
2
1.5
0.5
5-7#26
26
3
2.5
2
1.5
1
28
2.5
2
1.5
1
0.5
30
2
1.5
1
0.5
0.5
en2contact crimping toolS
handle
Description
Positioner
Contact Sizes
Wire Sizes
EN3CR
CrimpHandTool
EN2POS20
#20,#22
20,22AWG
EN3POS26
#26
26,28,30AWG
EN3CRAUTO
PneumaticCrimpTool
EN2POS20
#20,#22
20,22AWG
EN3POS26
#26
26,28,30AWG
en2inSertion / extraction toolS
Part Number
Contact Sizes
Description
EN3INS20
#20,#22
Insertion/ExtractionToolfor20,22AWG
EN3INS26
#26
Insertion/ExtractionToolfor26,28&30AWG
en2alternate larger frame tool
handle
Description
Positioner
Contact Sizes
Wire Sizes
EN2CRL
HandTool
EN2POS20L
#20,#22
20-22-24-26AWG
EN2CRAUTOL
PneumaticTool



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com